Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THD200FI Datasheet(PDF) 2 Page - STMicroelectronics

Part # THD200FI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THD200FI Datasheet(HTML) 2 Page - STMicroelectronics

  THD200FI Datasheet HTML 1Page - STMicroelectronics THD200FI Datasheet HTML 2Page - STMicroelectronics THD200FI Datasheet HTML 3Page - STMicroelectronics THD200FI Datasheet HTML 4Page - STMicroelectronics THD200FI Datasheet HTML 5Page - STMicroelectronics THD200FI Datasheet HTML 6Page - STMicroelectronics THD200FI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
2.2
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =1500 V
VCE =1500 V
Tj = 125
oC
0.2
2
mA
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
100
µA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IC =0)
IC = 100 mA
700
V
VEBO
Emitt er-Base Voltage
(IB =0)
IE =10 mA
10
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =7 A
IB = 1.5 A
1.5
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =7 A
IB = 1.5 A
1.3
V
hFE
∗
DC Current G ain
IC =7 A
VCE =5 V
IC =7 A
VCE =5 V
Tj =100
o C
6. 5
4
13
ts
tf
RESI STIVE LO AD
St orage Time
Fall T ime
VCC =400 V
IC =7 A
IB1 =1.5 A
IB2 = 3.5 A
2.1
140
3.1
210
µs
ns
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC = 7 A
f = 31250 Hz
IB1 =1.5 A
IB2 =-3. 5 A
Vc eflybac k = 1200 sin
π
5
10
6
tV
3.5
320
µs
ns
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =7 A
f =64 KHz
IB1 =1.5 A
IB2 =-3. 5 A
Vc eflybac k = 1200 sin
π
5
10
6
tV
1.7
215
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
THD200FI
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com