Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDP
Description  Molded, Dual-In-Line Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDP Datasheet(HTML) 1 Page - Vishay Siliconix

  TDP Datasheet HTML 1Page - Vishay Siliconix TDP Datasheet HTML 2Page - Vishay Siliconix TDP Datasheet HTML 3Page - Vishay Siliconix TDP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Molded, Dual-In-Line Resistor Networks
TDP
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60045
90
Revision: 16-May-07
Vishay Thin Film offers two standard circuits in a 14 and
16 pin molded dual- in-line over a 100
Ω to 100 kΩ
resistance range. The networks feature ratio tolerance to
0.05 % with a TCR tracking of 5 ppm/
°C.
FEATURES
• Lead (Pb)-free available
• Standard Rugged, molded case construction
(14 and 16 Pin)
• Highly stable thin film (500 ppm at + 70 °C
at 2000 hours)
• Low temperature coefficient (± 25 ppm/°C)
• Compatible with automatic insertion equipment
• Standard isolated pin one common schematic
TYPICAL PERFORMANCE
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
Schematic TDP01
Schematic TDP03
Models: TDP1401 and TDP1601
Models: TDP1403 and TDP1603
13 or 15 resistors with one pin common
7 or 8 isolated resistors
TDP-1403
TDP-1603
Pin No. 1
TDP-1401
TDP-1601
Pin No. 1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Schematic
TDP01, TDP03
Resistance Range
100
Ω to 100 kΩ
TCR:
Ratio
± 5 ppm/°C
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.05 % to ± 0.5 %
+ 25 °C
Absolute
± 0.1 %
+ 25 °C
Power Rating:
Resistor
01 Circuit = 0.05 W/resistor 03 Circuit = 0.10 W/resistor
at + 25 °C
Package
0.8 W/package
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
< 1 ppm/V typical
Working Voltage
100 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
logo
Automatic Timing & Cont...
TDP ATC-TDP Datasheet
297Kb / 1P
Percentage Timer Relay Output
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
21-Aug-06
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
10-May-06
logo
Vaishali Semiconductor
MDRC VAISH-MDRC Datasheet
139Kb / 5P
Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
logo
Vishay Siliconix
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
15-May-07
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MDRC VISHAY-MDRC Datasheet
330Kb / 5P
Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
09-Jan-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
02-May-07
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com