Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TH3
Description  Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TH3 Datasheet HTML 1Page - Vishay Siliconix TH3 Datasheet HTML 2Page - Vishay Siliconix TH3 Datasheet HTML 3Page - Vishay Siliconix TH3 Datasheet HTML 4Page - Vishay Siliconix TH3 Datasheet HTML 5Page - Vishay Siliconix TH3 Datasheet HTML 6Page - Vishay Siliconix TH3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40084
64
Revision: 14-Oct-08
TH3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
Tantamount® Molded Case, High Temperature
RATINGS AND CASE CODES
µF
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.33
A (11.0)
0.47
A (8.5)
0.68
1.0
A (6.5)
A (5.9)
A (5.2, 3.0)
B (5.0)
A (6.6)
B (4.4)
C (3.3)
1.5
B (4.2)
C (3.3)
2.2
A (4.6)
A (4.3)
A (5.9)
B (3.5)
A (5.2)
B (3.0)
C (2.2)
3.3
A (3.4)
B (3.0)
B (2.7)
B (3.0)
C (2.0)
B (3.5, 2.5)
C (1.7)
4.7
A (2.9)
B (2.7)
A (2.9)
B (2.1)
B (1.9)
C (1.7)
A (5.0)
B (2.8)
C (1.6)
B (3.1)
C (1.3)
D (1.0)
D (0.9)
6.8
A (2.6, 2.0)
B (1.8)
C (1.7)
B (2.4)
C (1.4)
C (1.3)
D (0.9)
10
A (2.7)
A (3.4)
B (1.8)
C (1.7)
B (2.0)
C (1.4)
C (1.1)
C (1.1)
D (0.9)
C (1.6)
D (0.7)
D (0.8)
E (0.5)
15
B (1.8)
B (1.5)
C (1.4)
B (2.0)
C (1.4)
C (1.0)
D (0.9)
C (1.2)
D (0.7)
D (0.7)
22
B (1.5)
B (1.5)
C (1.1)
B (1.9)
C (1.0)
D (0.8)
C (1.0)
D (0.7)
D (0.6)
D (0.6, 0.3)
E (0.5)
33
B (1.7)
D (0.8)
C (0.9, 0.6)
D (0.6)
D (0.6)
D (0.5)
47
B (1.8)
C (0.8)
B (1.8)
C (0.8, 0.5)
D (0.6)
C (0.8)
D (0.6)
D (0.7)
E (0.6)
E (0.6)
68
B (1.8)
C (0.8)
D (0.6, 0.4)
D (0.6)
E (0.6)
100
D (0.6)
D (0.6)
E (0.6, 0.15)
150
D (0.6)
220
E (0.5)
Notes:
• Preliminary values in bold. Contact factory for availability
• ESR limits in
Ω are shown in parenthesis



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com