Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TH3
Description  Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TH3 Datasheet HTML 1Page - Vishay Siliconix TH3 Datasheet HTML 2Page - Vishay Siliconix TH3 Datasheet HTML 3Page - Vishay Siliconix TH3 Datasheet HTML 4Page - Vishay Siliconix TH3 Datasheet HTML 5Page - Vishay Siliconix TH3 Datasheet HTML 6Page - Vishay Siliconix TH3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40084
66
Revision: 14-Oct-08
TH3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
Tantamount® Molded Case, High Temperature
16 VDC AT + 85 °C, 10 VDC AT + 125 °C, 8 VDC AT + 150 °C
1.0
A
TH3A105(1)016(2)6500
0.5
4
6.5
0.11
2.2
A
TH3A225(1)016(2)4300
0.5
6
4.3
0.13
3.3
A
TH3A335(1)016(2)3400
0.5
6
3.4
0.15
3.3
B
TH3B335(1)016(2)3000
0.5
6
3.0
0.17
4.7
A
TH3A475(1)016(2)2900
0.8
6
2.9
0.16
4.7
B
TH3B475(1)016(2)2100
0.8
6
2.1
0.20
6.8
A
TH3A685(1)016(2)2600
1.1
6
2.6
0.17
6.8
A
TH3A685(1)016(2)2000
1.1
6
2.0
0.19
6.8
B
TH3B685(1)016(2)1800
1.1
6
1.8
0.22
6.8
C
TH3C685(1)016(2)1700
1.1
6
1.7
0.25
10
B
TH3B106(1)016(2)2000
1.6
6
2.0
0.21
10
C
TH3C106(1)016(2)1400
1.6
6
1.4
0.28
15
B
TH3B156(1)016(2)2000
2.4
6
2.0
0.21
22
B
TH3B226(1)016(2)1900
3.5
6
1.9
0.21
22
C
TH3C226(1)016(2)1000
3.5
6
1.0
0.33
22
D
TH3D226(1)016(2)0800
3.5
6
0.8
0.43
33
C
TH3C336(1)016(2)0900
5.3
6
0.9
0.35
33
C
TH3C336(1)016(2)0600
5.3
6
0.6
0.43
33
D
TH3D336(1)016(2)0600
5.3
6
0.6
0.50
47
C
TH3C476(1)016(2)0800
7.5
6
0.8
0.37
47
D
TH3D476(1)016(2)0600
7.5
6
0.6
0.50
68
D
TH3D686(1)016(2)0600
10.9
6
0.6
0.50
100
D
TH3D107(1)016(2)0600
16.0
8
0.6
0.50
100
E
TH3E107(1)016(2)0600
16.0
8
0.6
0.52
100
E
TH3E107(1)016(2)0150
16.0
8
0.15
1.05
20 VDC AT + 85 °C, 13 VDC AT + 125 °C, 10 VDC AT + 150 °C
1.0
A
TH3A105(1)020(2)5900
0.5
4
5.9
0.11
2.2
A
TH3A225(1)020(2)5900
0.5
6
5.9
0.11
2.2
B
TH3B225(1)020(2)3500
0.5
6
3.5
0.16
3.3
B
TH3B335(1)020(2)2700
0.7
6
2.7
0.17
4.7
B
TH3B475(1)020(2)1900
0.9
6
1.9
0.21
4.7
C
TH3C475(1)020(2)1700
0.9
6
1.7
0.25
10
C
TH3C106(1)020(2)1100
2.0
6
1.1
0.32
15
C
TH3C156(1)020(2)1000
3.0
6
1.0
0.33
15
D
TH3D156(1)020(2)0900
3.0
6
0.9
0.41
22
C
TH3C226(1)020(2)1000
4.4
6
1.0
0.33
22
D
TH3D226(1)020(2)0700
4.4
6
0.7
0.46
33
D
TH3D336(1)020(2)0600
6.6
6
0.6
0.50
47
D
TH3D476(1)020(2)0700
9.4
6
0.7
0.46
47
E
TH3E476(1)020(2)0600
9.4
6
0.6
0.52
68
E
TH3E686(1)020(2)0600
13.6
6
0.6
0.52
Notes:
• (1) Capacitance Tolerance: K, M
• (2) Termination and Packaging: A, B, C, D, E, F
• Preliminary values in bold. Contact factory for availability.
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com