Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TH3
Description  Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TH3 Datasheet HTML 1Page - Vishay Siliconix TH3 Datasheet HTML 2Page - Vishay Siliconix TH3 Datasheet HTML 3Page - Vishay Siliconix TH3 Datasheet HTML 4Page - Vishay Siliconix TH3 Datasheet HTML 5Page - Vishay Siliconix TH3 Datasheet HTML 6Page - Vishay Siliconix TH3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TH3
Solid Tantalum Surface Mount Capacitors
Tantamount® Molded Case, High Temperature
Vishay Sprague
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-08
65
MARKING
“A” CASE VOLTAGE CODE
VCODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking:
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C, 3.15 VDC AT + 150 °C
10
A
TH3A106(1)6R3(2)2700
0.6
6
2.7
0.17
15
B
TH3B156(1)6R3(2)1800
0.9
6
1.8
0.22
22
B
TH3B226(1)6R3(2)1500
1.3
6
1.5
0.24
33
B
TH3B336(1)6R3(2)1700
2.0
6
1.7
0.22
47
B
TH3B476(1)6R3(2)1800
2.8
8
1.8
0.22
47
C
TH3C476(1)6R3(2)0800
2.8
6
0.8
0.37
68
B
TH3B686(1)6R3(2)1800
4.1
6
1.8
0.22
10 VDC AT + 85 °C, 7 VDC AT + 125 °C, 5 VDC AT + 150 °C
2.2
A
TH3A225(1)010(2)4600
0.5
6
4.6
0.13
4.7
A
TH3A475(1)010(2)2900
0.5
6
2.9
0.16
4.7
B
TH3B475(1)010(2)2700
0.5
6
2.7
0.17
10
A
TH3A106(1)010(2)3400
1.0
6
3.4
0.15
10
B
TH3B106(1)010(2)1800
1.0
6
1.8
0.22
10
C
TH3C106(1)010(2)1700
1.0
6
1.7
0.25
15
B
TH3B156(1)010(2)1500
1.0
6
1.5
0.24
15
C
TH3C156(1)010(2)1400
1.0
6
1.4
0.28
22
B
TH3B226(1)010(2)1500
2.2
6
1.5
0.24
22
C
TH3C226(1)010(2)1100
2.2
6
1.1
0.32
33
D
TH3D336(1)010(2)0800
3.3
6
0.8
0.43
47
B
TH3B476(1)010(2)1800
4.7
6
1.8
0.22
47
C
TH3C476(1)010(2)0800
4.7
6
0.8
0.37
47
C
TH3C476(1)010(2)0500
4.7
6
0.5
0.47
47
D
TH3D476(1)010(2)0600
4.7
6
0.6
0.50
68
C
TH3C686(1)010(2)0800
6.8
8
0.8
0.37
68
D
TH3D686(1)010(2)0600
6.8
6
0.6
0.50
68
D
TH3D686(1)010(2)0400
6.8
6
0.4
0.61
100
D
TH3D107(1)010(2)0600
10
8
0.6
0.50
150
D
TH3D157(1)010(2)0600
15
8
0.6
0.50
220
E
TH3E227(1)010(2)0500
22
8
0.5
0.57
Notes:
• (1) Capacitance Tolerance: K, M
• (2) Termination and Packaging: A, B, C, D, E, F
• Preliminary values in bold. Contact factory for availability.
Capacitance
Code, pF
Indicates
High Temperature
Polarity Band (+)
Voltage
Code
V 104H
A Case
Date Code
Vishay
Sprague
Logo
Indicates High Temperature
Voltage
Capacitance µF
Polarity
Band (+)
22
H10
XX
2
B, C, D, E Case



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com