Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1202 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST1202
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1202 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST1202 Datasheet HTML 1Page - Vishay Siliconix TCST1202 Datasheet HTML 2Page - Vishay Siliconix TCST1202 Datasheet HTML 3Page - Vishay Siliconix TCST1202 Datasheet HTML 4Page - Vishay Siliconix TCST1202 Datasheet HTML 5Page - Vishay Siliconix TCST1202 Datasheet HTML 6Page - Vishay Siliconix TCST1202 Datasheet HTML 7Page - Vishay Siliconix TCST1202 Datasheet HTML 8Page - Vishay Siliconix TCST1202 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCST1103/1202/1300/2103/2202/2300
Document Number 83764
Rev. 1.8, 16-Aug-06
Vishay Semiconductors
www.vishay.com
1
19180
Top view
+
+
E
D
7.6
0.3”
B)
A)
e4
Transmissive Optical Sensor with Phototransistor Output
Description
The
TCST1103/1202/1300/2103/2202/2300
are
transmissive sensors that include an infrared emitter
and phototransistor, located face-to-face on the opti-
cal axes in a leaded package which blocks visible
light. These part numbers include options for aperture
width and mounting flanges.
Features
• Package type: Leaded
• Detector type: Phototransistor
• Dimensions package A:
L 11.9 mm x W 6.3 mm x H 10.8 mm
• Dimensions package B:
L 24.5 mm x W 6.3 mm x H 10.8 mm
• Gap: 3.1 mm
• Typical output current under test: IC = 4 mA
(TCST1103/2103)
• Typical output current under test: IC = 2 mA
(TCST1202/2202)
• Typical output current under test: IC = 0.5 mA
(TCST1300/2300)
• Daylight blocking filter
• Emitter wavelength 950 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• Optical switch
• Photo interrupter
• Counter
• Encoder
Order Instructions
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Coupler
Part Number
Remarks
Resolution, Aperture
Minimum Order Quantity
TCST1103
Without mounting flangeA)
0.6 mm, 1 mm
1020 pcs, 85 pcs/tube
TCST1202
Without mounting flangeA)
0.4 mm, 0.5 mm
1020 pcs, 85 pcs/tube
TCST1300
Without mounting flangeA)
0.2 mm, 0.25 mm
1020 pcs, 85 pcs/tube
TCST2103
With mounting flangeB)
0.6 mm, 1 mm
1020 pcs, 85 pcs/tube
TCST2202
With mounting flangeB)
0.4 mm, 0.5 mm
1020 pcs, 85 pcs/tube
TCST2300
With mounting flangeB)
0.2 mm, 0.25 mm
1020 pcs, 85 pcs/tube
Parameter
Test condition
Symbol
Value
Unit
Total power dissipation
Tamb ≤ 25 °C
Ptot
250
mW
Operating temperature range
Tamb
- 55 to + 85
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
Distance to package: 2 mm; t
≤ 5 s
Tsd
260
°C


Similar Part No. - TCST1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1202 VISHAY-TCST1202 Datasheet
82Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1202 VISHAY-TCST1202 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCST1202 VISHAY-TCST1202 Datasheet
266Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST1202 VISHAY-TCST1202 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
TCST1202 VISHAY-TCST1202 Datasheet
241Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
24-Aug-11
More results

Similar Description - TCST1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST1103 VISHAY-TCST1103_V01 Datasheet
246Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
24-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com