Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1202 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCST1202
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1202 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCST1202 Datasheet HTML 1Page - Vishay Siliconix TCST1202 Datasheet HTML 2Page - Vishay Siliconix TCST1202 Datasheet HTML 3Page - Vishay Siliconix TCST1202 Datasheet HTML 4Page - Vishay Siliconix TCST1202 Datasheet HTML 5Page - Vishay Siliconix TCST1202 Datasheet HTML 6Page - Vishay Siliconix TCST1202 Datasheet HTML 7Page - Vishay Siliconix TCST1202 Datasheet HTML 8Page - Vishay Siliconix TCST1202 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCST1103/1202/1300/2103/2202/2300
Document Number 83764
Rev. 1.8, 16-Aug-06
Vishay Semiconductors
www.vishay.com
3
Output (Detector)
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 µA
VECO
7V
Collector dark current
VCE = 25 V, IF = 0, E = 0
ICEO
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ton
10.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
toff
8.0
µs
Figure 1. Test circuit for ton and toff
Figure 2. Switching Times
Channel I
Channel II
95 10890
+ 5 V
IC = 2 mA; adjusted by I
IF
0
IF
RG = 50 Ω
tp
t p
T
=0.01
Oscilloscope
R
1 M
Ω
L ≥
CL ≤ 20 pF
50
Ω
100
Ω
= 50 µs
F
tp
t
t
0
0
10 %
90 %
100 %
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (=t + t )
d
r
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)turn-off time
Figure 3. Power Dissipation Limit vs. Ambient Temperature
0
0
100
200
300
400
95 11088
Tamb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR - diode
150
120
90
60
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com