Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1202 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCST1202
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1202 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCST1202 Datasheet HTML 1Page - Vishay Siliconix TCST1202 Datasheet HTML 2Page - Vishay Siliconix TCST1202 Datasheet HTML 3Page - Vishay Siliconix TCST1202 Datasheet HTML 4Page - Vishay Siliconix TCST1202 Datasheet HTML 5Page - Vishay Siliconix TCST1202 Datasheet HTML 6Page - Vishay Siliconix TCST1202 Datasheet HTML 7Page - Vishay Siliconix TCST1202 Datasheet HTML 8Page - Vishay Siliconix TCST1202 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83764
Rev. 1.8, 16-Aug-06
TCST1103/1202/1300/2103/2202/2300
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Current Transfer Ratio vs. Ambient
Temperature
Figure 6. Collector Dark Current vs. Ambient Temperature
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8
- 25
0
0.5
1.0
1.5
2.0
Tamb - Ambient Temperature (°C)
95 11089
VCE = 5 V
IF = 20 mA
100
75
50
25
0
0
1
10
100
1000
10000
Tamb - Ambient Temperature (°C)
95 11090
VCE = 25 V
IF = 0
100
75
50
25
Figure 7. Collector Current vs. Forward Current
Figure 8. Collector Current vs. Collector Emitter Voltage
Figure 9. Current Transfer Ratio vs. Forward Current
0.001
0.01
0.1
1
10
0.1
IF - Forward Current (mA)
96 12066
VCE = 5 V
100
10
1
0.01
0.1
1
10
0.1
VCE - Collector Emitter Voltage (V)
96 12067
20 mA
10 mA
5 mA
2 mA
1 mA
IF = 50 mA
100
10
1
0.1
1
10
100
0.1
IF - Forward Current (mA)
96 12068
VCE = 5 V
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com