Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL766B
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766B Datasheet(HTML) 1 Page - Vishay Siliconix

  IL766B Datasheet HTML 1Page - Vishay Siliconix IL766B Datasheet HTML 2Page - Vishay Siliconix IL766B Datasheet HTML 3Page - Vishay Siliconix IL766B Datasheet HTML 4Page - Vishay Siliconix IL766B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 83644
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 09-Nov-05
1
Optocoupler, Photodarlington Output, AC Input, Internal RBE
IL766B
Vishay Semiconductors
DESCRIPTION
The IL766B is a bidirectional input, optically coupled isolator
consisting of two gallium arsenide infrared emitters and a
silicon photodarlington sensor.
FEATURES
• Internal RBE for better stability
•BVCEO < 60 V
• Isolation test voltage, 5300 VRMS
• AC or polarity insensitive inputs
• No base connection
• High insulation resistance, 1011
Ω typical
• Standard plastic DIP package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, File No. E52744 system code H or J, double
protection
• BSI IEC 60950 IEC 60065
Note
For additional information on the available options refer to option information.
i179040
NC
C
E
NC
A/C
C/A
1
2
3
6
5
4
ORDER INFORMATION
PART
REMARKS
IL766B-1
CTR > 400 %, DIP-6
IL766B-2
CTR > 900 %, DIP-6
IL766B-2X006
CTR > 900 %, DIP-6 400 mil (option 6)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
200
mW
Derate linearly from 55 °C
2.6
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
60
V
Collector base breakdown voltage
BVCBO
70
V
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C


Similar Part No. - IL766B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
More results

Similar Description - IL766B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
Optocoupler, Photodarlington Output, With Internal RBE
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
03-Aug-11
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com