Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5259 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # C5259
Description  5x7 ceramic oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5259 Datasheet(HTML) 4 Page - Vectron International, Inc

  C5259 Datasheet HTML 1Page - Vectron International, Inc C5259 Datasheet HTML 2Page - Vectron International, Inc C5259 Datasheet HTML 3Page - Vectron International, Inc C5259 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C5259
VCXO
Vectron International · www.vectron.com
v.2005-02-11 · page 4 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
How to Order this Product:
Step 1
Use this worksheet to forward the following information to your factory representative:
Model
Stability Code
Supply Voltage Code
Tuning Range
Package Code
C5259
Example:
C5259
C104
SV050
50
A1
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration:
Model
Package Code
Dash
Dash Number
C5259
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C5259A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com