Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5259 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C5259
Description  5x7 ceramic oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5259 Datasheet(HTML) 2 Page - Vectron International, Inc

  C5259 Datasheet HTML 1Page - Vectron International, Inc C5259 Datasheet HTML 2Page - Vectron International, Inc C5259 Datasheet HTML 3Page - Vectron International, Inc C5259 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C5259
VCXO
Vectron International · www.vectron.com
v.2005-02-11 · page 2 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Enclosure
Type A
Package Codes:
Code
Height “H”
Pin Length “L”
A1
1,9
NA
Dimensions: mm
Pin Connections
1 Voltage Control
Option
Pin 2
Pin 4
High
2
3
4
Tri-State Control
Ground (Case)
RF Output
Open
Output clock
5
6
NC
Supply Voltage Input (Vs)
Outline Drawing:
Enable
Tri State
Low
High resistance
output
Marking
C5259A1-xxxx
frequency
* C XYYWW
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
7
V
Operable temperature range
-30
+80
°C
Storage temperature range
-40
+90
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com