Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5259 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C5259
Description  5x7 ceramic oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5259 Datasheet(HTML) 1 Page - Vectron International, Inc

  C5259 Datasheet HTML 1Page - Vectron International, Inc C5259 Datasheet HTML 2Page - Vectron International, Inc C5259 Datasheet HTML 3Page - Vectron International, Inc C5259 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C5259
VCXO
Vectron International · www.vectron.com
v.2005-02-11 · page 1 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Typical Applications
Features
Telecommunication
5x7 ceramic oscillator
Previous Vectron Model Numbers
BC
Frequency range
2 MHz – 50 MHz
Frequency stabilities
1 [Standard]
Parameter
Min
Typ
Max.
Units
Operating temp
range
Ordering Code
5
overall tolerance (vs. Initial, vs.
operating temperature range vs. Load
vs. Supply, vs:1 year aging)
-100.0
-50.0
-25.0
-100.0
-50.0
-32.0
+100.0
+50.0
+25.0
+100.0
+50.0
+32.0
ppm
ppm
ppm
ppm
ppm
ppm
-0 … +70°C
-0 … +70°C
-0 … +70°C
-40 … +85°C
-40 … +85°C
-40 … +85°C
C104
C505
C255
F104
F505
F325
Supply voltage
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Supply voltage (Vs)
4.75
5.0
5.25
VDC
SV050
Current consumption
35
mA
fo < 20 MHz
Current consumption
45
mA
fo < 70 MHz
Supply voltage (Vs)
3.135
3.3
3.465
VDC
SV033
Current consumption
25
mA
fo < 20 MHz
Current consumption
40
mA
fo < 70 MHz
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Signal
HCMOS
RFH
Load
15.0
pF
Rise and Fall time
10
ns
@ 15 pF 10 to 90 %
Duty cycle
40
60
%
@ Vs/2
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
±50.0
±100.0
±90.0
±140.0
+200.0
±200.0
ppm
ppm
Linearity
10
%
Tuning Slope
Positive
Control Voltage Range
0.0
0.5
1.65
2.5
3.3
4.5
VDC
VDC
with Vs=3.3VDC
with Vs=5.0VDC
Frequency control input impedance
10
k
Ω


Similar Part No. - C5259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C5259 ETC1-C5259 Datasheet
73Kb / 4P
5x7 ceramic oscillator
C5259C104SV033100A1 ETC1-C5259C104SV033100A1 Datasheet
73Kb / 4P
5x7 ceramic oscillator
C5259C104SV033200A1 ETC1-C5259C104SV033200A1 Datasheet
73Kb / 4P
5x7 ceramic oscillator
C5259C104SV03350A1 ETC1-C5259C104SV03350A1 Datasheet
73Kb / 4P
5x7 ceramic oscillator
C5259C104SV050100A1 ETC1-C5259C104SV050100A1 Datasheet
73Kb / 4P
5x7 ceramic oscillator
More results

Similar Description - C5259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C5259 ETC1-C5259 Datasheet
73Kb / 4P
5x7 ceramic oscillator
logo
Crystek Corporation
C18XX CRYSTEKCRYSTAL-C18XX Datasheet
111Kb / 1P
5X7 mm SMD, 1.8V, LVCMOS Clock Oscillator
C25XX CRYSTEKCRYSTAL-C25XX Datasheet
111Kb / 1P
5X7 mm SMD, 2.5V, LVCMOS Clock Oscillator
logo
Vectron International, ...
C1259 VECTRON-C1259 Datasheet
72Kb / 4P
Telecommunication 5x7 ceramic oscillator Universal Clock Enable Function
logo
MMD Components
MIH MMD-MIH_13 Datasheet
126Kb / 2P
MIH Series 5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
MIHK Series 5X7 Ceramic SMD Oscillator
MQIC MMD-MQIC_12 Datasheet
117Kb / 2P
MQIC & MQIT Series 5X7 Ceramic SMD Oscillator
MQQI MMD-MQQI_12 Datasheet
245Kb / 5P
MQQI Series 5X7 Ceramic SMD Oscillator
MVQI MMD-MVQI_12 Datasheet
256Kb / 5P
5X7 Ceramic SMD VCXO
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
5X7 Ceramic SMD Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com