Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL061C
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061C Datasheet(HTML) 7 Page - STMicroelectronics

  TL061C Datasheet HTML 1Page - STMicroelectronics TL061C Datasheet HTML 2Page - STMicroelectronics TL061C Datasheet HTML 3Page - STMicroelectronics TL061C Datasheet HTML 4Page - STMicroelectronics TL061C Datasheet HTML 5Page - STMicroelectronics TL061C Datasheet HTML 6Page - STMicroelectronics TL061C Datasheet HTML 7Page - STMicroelectronics TL061C Datasheet HTML 8Page - STMicroelectronics TL061C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
4
2
0
-2
-4
02
46
8
10
TIME (
µs)
-6
OUTPUT
INPUT
=15V
= 10k
Ω
R
L
V
CC
= 100pF
C
L
T
amb =+25°C
VOLTAGE FOLLOWER LARGE SIGNAL
PULSE RESPONSE
t r
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
TIME (
µs)
10%
90%
OVERSHOOT
T
amb
= +25
°C
V
CC
= 15V
R
L = 10k Ω
OUTPUT VOLTAGE VERSUS
ELAPSED TIME
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
80
90
100
R S =100Ω
Tam b =+25°C
VCC =15V
EQUIVALENT INPUT NOISE VOLTAGE
VERSUS FREQUENCY
-
-
eI
TL061
eo
C
L= 100pF
R = 10k
Ω
L
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage follower
-
eI
TL061
R L
C
L = 100pF
1k
Ω
10k
Ω
eo
Figure 2 : Gain-of-10 inverting amplifier
TL061 - TL061A - TL061B
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com