Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL061C
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061C Datasheet(HTML) 5 Page - STMicroelectronics

  TL061C Datasheet HTML 1Page - STMicroelectronics TL061C Datasheet HTML 2Page - STMicroelectronics TL061C Datasheet HTML 3Page - STMicroelectronics TL061C Datasheet HTML 4Page - STMicroelectronics TL061C Datasheet HTML 5Page - STMicroelectronics TL061C Datasheet HTML 6Page - STMicroelectronics TL061C Datasheet HTML 7Page - STMicroelectronics TL061C Datasheet HTML 8Page - STMicroelectronics TL061C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
30
25
20
15
10
5
02
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
See figure 2
=10 k
Ω
RL
Tamb= +25°C
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS SUPPLY VOLTAGE
30
25
20
10
5
15
0
-7 5
- 25
2 5
7 5
125
-5 0
0
5 0
-50
FREE AIR T EM PERATURE (
°C)
V
CC
=
15V
See Figure 2
R
L = 10k Ω
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREE AIR TEMP.
30
25
20
15
10
5
0
100
200
400
700 1k
2k
4k
7k
10k
L OA D RE SISTANCE (k
)
Ω
Se eFig ure2
=+2 5
°C
Tamb
=
15V
V
CC
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS LOAD RESISTANCE
30
20
25
15
10
5
0
1k
10K
100K
10M
1M
FREQUENCY (Hz)
= 15V
VCC
=
5V
VCC
=
2V
V
CC
= 12V
VCC
See Figure 2
= +25
°C
Tamb
= 10k
Ω
RL
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE VERSUS FREQUENCY
10
2
4
7
-75
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (
°C)
V
=
15V
CC
R
=10 k
Ω
L
1
DIFFERENTIAL VOLTAGE AMPLIFICATION
VERSUS FREE AIR TEMPERATURE
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
6
10
5
10
4
10
3
10
2
10
1
10
1
0
45
90
135
180
RL =2kΩ
=
5V to 15V
V
CC
=+25
°C
Tamb
DIFFER ENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
PHASE SHIFT
(right scale)
LARGE SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT VERSUS
FREQUENCY
TL061 - TL061A - TL061B
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com