Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL061C
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061C Datasheet(HTML) 1 Page - STMicroelectronics

  TL061C Datasheet HTML 1Page - STMicroelectronics TL061C Datasheet HTML 2Page - STMicroelectronics TL061C Datasheet HTML 3Page - STMicroelectronics TL061C Datasheet HTML 4Page - STMicroelectronics TL061C Datasheet HTML 5Page - STMicroelectronics TL061C Datasheet HTML 6Page - STMicroelectronics TL061C Datasheet HTML 7Page - STMicroelectronics TL061C Datasheet HTML 8Page - STMicroelectronics TL061C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 - Offset Null 1
2 - Inverting input
3 - Non-inverting input
4- VCC
-
5 - Offset Null 2
6 - Output
7- VCC
+
8 - N.C.
TL061
TL061A - TL061B
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
.
VERY LOW POWER CONSUMPTION : 200
µA
.
WIDE COMMON-MODE (UP TO VCC
+) AND
DIFFERENTIAL VOLTAGE RANGES
.
LOW INPUT BIAS AND OFFSET CURRENTS
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH
INPUT
IMPEDANCE
J-FET
INPUT
STAGE
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 3.5V/
µs
1
2
3
4
8
6
5
7
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature Range
Package
ND
TL061M/AM/BM
-55
oC, +125oC
qq
TL061I/AI/BI
-40
oC, +105oC
q
l
TL061C/AC/BC
0
oC, +70oC
q
l
Example : TL061IN
October 1997
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
DESCRIPTION
The TL061, TL061A and TL061B are high speed
J-FET input single operational amplifier family.
Each of these J-FET input operational amplifiers
incorporates well matched, high voltage J-FET and
bipolar transistors in a monolithic integrated circuit.
The devices feature high slew rates, low input bias
and offset currents, andlow offset voltage tempera-
ture coefficient.
1/9


Similar Part No. - TL061C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061C TI-TL061C Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
SYC Electronica
TL061C/AC/BC SYC-TL061C/AC/BC Datasheet
303Kb / 9P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061CD TI-TL061CD Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CD TI-TL061CD Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CD STMICROELECTRONICS-TL061CD Datasheet
315Kb / 14P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
More results

Similar Description - TL061C

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4061 NEC-UPC4061 Datasheet
301Kb / 10P
J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
Unisonic Technologies
UTCTL062 UTC-UTCTL062 Datasheet
300Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_05 Datasheet
130Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL061 STMICROELECTRONICS-TL061_07 Datasheet
315Kb / 14P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
logo
Unisonic Technologies
TL062 UTC-TL062_09 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4064 RENESAS-PC4064_15 Datasheet
262Kb / 11P
J-FET INPUT LOW-POWER QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL062 UTC-TL062_15 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
Low power J-FET input operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com