Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P13
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13 Datasheet(HTML) 3 Page - Vishay Siliconix

  P13 Datasheet HTML 1Page - Vishay Siliconix P13 Datasheet HTML 2Page - Vishay Siliconix P13 Datasheet HTML 3Page - Vishay Siliconix P13 Datasheet HTML 4Page - Vishay Siliconix P13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 51034
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
119
P13
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
Vishay Sfernice
MARKING
Printed:
- VISHAY trademark
- series
- style
- ohmic value (in
Ω, kΩ or MΩ)
- tolerance (in %)
- resistance law
- manufacturing date
- marking of terminals a
SPECIAL FEATURES
PANEL SEALING
Potentiometers P13T and P13V can be fitted with a device
providing sealing between the threaded bushing and the
front panel. Their designation is P13TP and P13VP
respectively or with a locating peg P13TPE and P13VPE.
SHAFT
Shaft lengths are measured from the mounting surface to the
free end of the potentiometer. Special shafts are available,
provided customer supplies a drawing.
The shaft slot is aligned to the wiper within ± 10°.
SHAFT LOCKING
On potentiometers equipped with a 3 mm Ø shaft, shaft
locking can be obtained:
- either by a taper nut tightening a slotted bushing. Ask for
P13H type. These devices are normally equipped with an L
type shaft (12.5 mm with a slot),
- or by a tightening nut locked by a screw. Ask for ES1 type.
On potentiometers equipped with a Ø 6 mm shaft, locking
can be obtained by a taper nut applying pressure on a
slotted notched washer. This device is supplied in a box as
an accessory. Ask for DBAN.
These devices are ordered separately. Please consult
VISHAY SFERNICE.
PERFORMANCE
NF C 83-253
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
ΔRT
RT
(%) REQUIREMENTS
ΔR1-2
R1-2
(%)
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 10 %
± 10 %
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
40 °C
93 % RH
± 10 %
± 10 %
± 0.5 %
± 1 %
Dielectric strength: 250 V
Insulation resistance: > 100 M
Ω
Dielectric strength: 1000 V
Insulation resistance: > 104 M
Ω
Rotational Life
25 000 cycles
± 10 %
± 3 %
Contact res. variation: < 7 % Rn
Contact res. variation: < 2 % Rn
Load Life
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 10 %
± 1 %
Contact res. variation: < 7 % Rn
Contact res. variation: < 3 % Rn
Rapid Temperature
Change
5 cycles
- 55 °C at + 125 °C
± 3 %
± 0.5 %
Shocks
50 g at 11 ms
3 successive shocks
in 3 directions
± 2 %
± 0.1 %
± 0.2 %
Vibrations
10 - 55 Hz
0.75 mm or 10 g
during 6 hours
± 2 %
± 0.1 %
ΔV1-2
V1-3
< ± 0.2 %
STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR LAW
LOGS LAW
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
W
V
mA
W
V
mA
ppm/°C
22
47
1.5
5.74
8.4
261
177
0
+ 200
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
4.7M
10M
1.5
1.22
0.56
0.26
0.12
0.05
0.026
0.012
12.2
18.2
26.5
38.7
57.5
84
122.5
182
265
350
350
350
350
350
350
350
122
82.6
56.5
38.7
26.1
17.9
12.2
8.26
5.65
3.5
1.6
0.74
0.35
0.16
0.074
0.035
0.75
0.75
0.56
0.26
0.12
0.05
27
40
59
87
128
187
273
350
350
350
350
27
18
12
8.7
5.8
3.9
2.7
1.6
0.74
0.35
0.16
± 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com