Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P13
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13 Datasheet(HTML) 1 Page - Vishay Siliconix

  P13 Datasheet HTML 1Page - Vishay Siliconix P13 Datasheet HTML 2Page - Vishay Siliconix P13 Datasheet HTML 3Page - Vishay Siliconix P13 Datasheet HTML 4Page - Vishay Siliconix P13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P13
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
Document Number: 51034
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
117
FEATURES
• High power rating 1.5 Watt at 70 °C
• CECC 41 301-001 (A, B, C)
• GAM T1
• Fully sealed case
• Tight temperature coefficient (± 75 ppm/°C typical)
• Mechanical strength
RoHS
COMPLIANT
P13 potentiometers fully conform to CECC 41301-001
specification. Their excellent performances are due to the
use of a cermet-track sealed in a large case.
P13 interchangeability with RV6, combined with the excellent
stability of its rated characteristics make it fully acceptable for
military and professional uses.
P13V
P13T
DIMENSIONS in millimeters
P13V - (PC33) C
6.9 ± 0.2
Ø 1.5
Ø 10.5
Ø 14
13.5 max
1
5
9.5
Thread M10 × 0.75
slot 1 × 1.8 deep
AC = 13.5
AM = 22.5
AI = 47.5
ø 6
Ø 16
3.9 ± 0.2
Ø 1.5
Ø 6.5
Ø 12.6
13.2 max
0.7
5
8
Thread M6 × 0.75
slot 0.6 × 1 deep
K = 9.5
M = 12.5
R = 22
ø 3
45°
13.5 max
1/4 × 32 NEF 2A
Ø 6.35 × 32
threads per inch
1.1
Ø 3.17 ± 0.03
6.3 ± 0.4
18.5 max
Ø 12.6
± 0.1
In conformity with
RV6/MIL-R-94/3G
ø 10.5
ø 14
10.5 max
5
12
Flats randomly located
Thread M10 x 0.75
slot 1 x 1.8 deep
AC = 16
AM = 25
AL = 50
ø 6
0.3
1.6
5.08
2
0.8
0.5
2.4
5.08
a
c
b
14 wrench
12 wrench
6.5
5.9 ± 0.2
Ø 2.2
ø 7.5
Ø 12.6
10.5 max
0.7
5
8
10 wrench
Thread M7 × 0.75
slot 0.8 × 1.4 deep
E = 9.5
F = 12.5
G = 22
ø 4
0.3
1.6
5.08
2
0.8
0.5
2.4
5.08
a
c
b
0.7
10 wrench
slotted bushing
thread M6 x 0.75
8 wrench
11
ø 3
L = 12.5
No locking on shaft ø4mm
5.9 ± 0.2
Ø 2.2
Ø 6.5
ø 12.6
10.5 max
0.7
5
8
10 wrench
Thread M6 × 0.75
slot 0.6 × 1 deep
R = 22
ø 3
0.3
1.6
5.08
2
0.8
0.5
2.4
5.08
a
c
b
K = 9.5
M = 12.5
a
c
b
cw
(2)
(3)
(1)
CIRCUIT DIAGRAM
P13T - F55
Panel sealed version
P13TP - P13TPE
TPE: Including locating ped
P13V DBAN
P13Q - B
P13H
PANEL CUTOUT
P13T - (PC32) A
PANEL CUTOUT
PANEL CUTOUT
PANEL CUTOUT
Panel sealed version
P13VP - P13VPE
VPE: Including locating ped
Undergoes European Quality Insurance System


Similar Part No. - P13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P13 VISHAY-P13 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
P13-1123 HARWIN-P13-1123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
P13-2123 HARWIN-P13-2123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
Fully Sealed Potentiometer Military and Professional Grade
29-Aug-12
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com