Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P13 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P13
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13 Datasheet(HTML) 4 Page - Vishay Siliconix

  P13 Datasheet HTML 1Page - Vishay Siliconix P13 Datasheet HTML 2Page - Vishay Siliconix P13 Datasheet HTML 3Page - Vishay Siliconix P13 Datasheet HTML 4Page - Vishay Siliconix P13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P13
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51034
120
See also: Application notes
Revision: 06-Jul-06
ORDERING INFORMATION
P13
T
P OR PE
M
22 k
Ω
± 20 %
A
XX
BO
SERIES
STYLE
PANEL
SEALING
SHAFT
OHMIC
VALUE
TOLERANCE
LAW
SPECIAL
FEATURES
PACKAGING
T 6 mm dia, 3 mm dia. shaft
Q 7 mm dia, 4 mm dia. shaft
V 10 mm dia, 6 mm dia. shaft
locking
H 6 mm dia, 3 mm dia. shaft
VP 9.5 mm dia, 6 mm dia. shaft
K 9.5 mm, slotted
M 12.5 mm, slotted
R 22 mm, plain
E 9.5 mm, slotted
F 12.5 mm, slotted
G 22 mm, plain
AC 16 mm, slotted
AM 25 mm, slotted
AL 50 mm, plain
L 12.5 mm, slotted
AP special shafts
AC 13 mm, slotted
AM 22 mm, slotted
AL 47 mm, plain
± 20 % standard
± 10 % on request
A Linear
L clockwise
logarithmic
F inverse
clockwise
logarithmic
F55
DBAN
F32 (PCB style)
SAP PART NUMBERING GUIDELINES
P1
3
T
A
B
2
2
3
M
A
B
1
7
MODEL
BUSHING
OHMIC
VALUE
TOL
PACKAGING
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
SHAFT
LAW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com