Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLPXXG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TLPXXG
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLPXXG Datasheet(HTML) 1 Page - STMicroelectronics

  TLPXXG Datasheet HTML 1Page - STMicroelectronics TLPXXG Datasheet HTML 2Page - STMicroelectronics TLPXXG Datasheet HTML 3Page - STMicroelectronics TLPXXG Datasheet HTML 4Page - STMicroelectronics TLPXXG Datasheet HTML 5Page - STMicroelectronics TLPXXG Datasheet HTML 6Page - STMicroelectronics TLPXXG Datasheet HTML 7Page - STMicroelectronics TLPXXG Datasheet HTML 8Page - STMicroelectronics TLPXXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLPxxM/G/G-1
®
PowerSO-10TM TLPxxM
TRIPOLAR OVERVOLTAGE
PROTECTION for TELECOM LINE
Application Specific Discretes
A.S.D.
™
September 1998 - Ed : 3C
D2PAK TLPxxG
I2PAK TLPxxG-1
MAIN APPLICATIONS
Any sensitive telecom equipment requiring protec-
tion against lightning :
Analog and ISDN line cards
Main Distribution Frames
Terminal and transmission equipment
Gas-tube replacement
DESCRIPTION
The TLPxxM/G/G-1 series are tripolar transient
surge arrestors used for primary and secondary
protectionin sensitive telecom equipment.
FEATURES
TRIPOLAR CROWBAR PROTECTION
VOLTAGE
RANGE
SELECTED
FOR
TELECOM APPLICATIONS
REPETITIVE PEAK PULSE CURRENT :
IPP = 100 A (10 / 1000
µs)
HOLDING CURRENT : IH = 150 mA
LOW CAPACITANCE : C = 110 pF typ.
LOW LEAKAGE CURRENT : IR =5
µA max
BENEFITS
No ageing and no noise.
If destroyed, the TLPxxM/G/G-1 falls into short
circuit, still ensuring protection.
Access to Surface Mount applications thanks to
the PowerSO-10TM and D2PAK package.
TM: ASD and PowerSO-10 are trademarks of ST Microelectronics.
RING
TIP
GND
RING
TIP
RING
TIP
RING
TIP
RING
TIP
TAB
GND
GND
RING
TIP
TAB
GND
GND RING
TIP
1/14


Similar Part No. - TLPXXG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
High energy
More results

Similar Description - TLPXXG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Feb-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jul-1998
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
logo
Microsemi Corporation
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com