Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLPXXG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TLPXXG
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLPXXG Datasheet(HTML) 4 Page - STMicroelectronics

  TLPXXG Datasheet HTML 1Page - STMicroelectronics TLPXXG Datasheet HTML 2Page - STMicroelectronics TLPXXG Datasheet HTML 3Page - STMicroelectronics TLPXXG Datasheet HTML 4Page - STMicroelectronics TLPXXG Datasheet HTML 5Page - STMicroelectronics TLPXXG Datasheet HTML 6Page - STMicroelectronics TLPXXG Datasheet HTML 7Page - STMicroelectronics TLPXXG Datasheet HTML 8Page - STMicroelectronics TLPXXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type
IRM @VRM
IR @VR
C
max.
max.
typ.
note
µAV
µAV
pF
TLP140M/G/G-1
5
120
50
140
35
TLP200M/G/G-1
5
180
50
200
35
TLP270M/G/G-1
5
230
50
270
35
Note : VR = 50 V bias, VRMS = 1V, F = 1 MHz.
ELECTRICAL CHARACTERISTICS BETWEEN TIP AND RING (Tamb =25
°C)
Type
IRM @VRM
IR @VR
VBO
@
IBO
IH
C @ VR
max.
max.
max.
max.
min.
typ.
note 1
note 2
note 3
note 4
note 5
µAV
µAV
V
mA
mA
pF
pF
TLP140M/G/G-1
5
120
50
140
200
500
150
110
40
TLP200M/G/G-1
5
180
50
200
290
500
150
110
40
TLP270M/G/G-1
5
230
50
270
400
500
150
110
40
Note 1: IR measured at VR guarantees VBR min >VR.
Note 2: Measured at 50 Hz.
Note 3: See functional holding current test circuit.
Note 4: VR = 0V bias, VRMS = 1V, F = 1 MHz.
Note 5: VR = 50V bias, VRMS = 1V, F = 1 MHz (TIP or RING (-) / GND (+)).
ELECTRICAL CHARACTERISTICS BETWEEN TIP AND GND, RING AND GND (Tamb =25
°C)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TLPxxM
TLPxxG
TLPxxG-1
1.0
1.0
1.0
°C/W
Rth (j-a)
Junction to ambient
TLPxxM
TLPxxG
TLPxxG-1
see table page 14
see table page 14
see table page 14
°C/W
THERMAL RESISTANCE
TLPxxM/G/G-1
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com