Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLPXXG Datasheet(PDF) 2 Page - STMicroelectronics

Part # TLPXXG
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLPXXG Datasheet(HTML) 2 Page - STMicroelectronics

  TLPXXG Datasheet HTML 1Page - STMicroelectronics TLPXXG Datasheet HTML 2Page - STMicroelectronics TLPXXG Datasheet HTML 3Page - STMicroelectronics TLPXXG Datasheet HTML 4Page - STMicroelectronics TLPXXG Datasheet HTML 5Page - STMicroelectronics TLPXXG Datasheet HTML 6Page - STMicroelectronics TLPXXG Datasheet HTML 7Page - STMicroelectronics TLPXXG Datasheet HTML 8Page - STMicroelectronics TLPXXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
CCITT K20
4000
10/700
5/310
100
-
VDE0433
4000
10/700
5/310
100
-
VDE0878
4000
1.2/50
1/20
100
-
IEC-1000-4-5
level 4
level 4
10/700
1.2/50
5/310
8/20
100
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
FCC Part 68, lightning surge
type B
1000
5/320
5/320
25
-
BELLCORE TR-NWT-001089
FIRST LEVEL
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-
BELLCORE TR-NWT-001089
SECOND LEVEL
5000
2/10
2/10
500
-
CNET I31-24
4000
0.5/700
0.8/310
100
-
Analog
Main Distribution Frame
Line
Card
TLPxxM/G/G-1
TYPICAL APPLICATION
Primary protection module
TLPxxM/G/G-1
RING
RELAY
LINE A
LINE B
LCP1511D
-Vbat
SLIC
220nF
PTC
PTC
Analog line card protection
TLPxxM/G/G-1
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com