Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2305CDEXPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2305CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2305CDEXPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2305CDEXPBF Datasheet HTML 9Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 10Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 11Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 12Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 13Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 14Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 15Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 16Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2301/LTC2305
13
23015f
APPLICATIONS INFORMATION
Table 2. Channel Configuration for the LTC2301
O/S
IN+
IN–
0+
–
1–
+
Figure 1a. Example MUX Configurations
Figure 1b. Changing the MUX Assignment “On the Fly”
CH0
CH1
GND (
–)
2 Single-Ended
+
1 Differential
+ (–)
+
– (+)
1 Differential
+ (–)
– (+)
{
{
23015 F01a
CH0
CH1
CH0
CH1
LTC2305
LTC2305
LTC2301
GND (
–)
1st Conversion
2nd Conversion
+
–
+
–
{{
CH0
CH1
CH0
CH1
23015 F01b
LTC2305
LTC2305
Driving the Analog Inputs
The analog inputs of the LTC2301/LTC2305 are easy to
drive. Each of the analog inputs of the LTC2305 (CH0 and
CH1) can be used as single-ended input relative to GND
or as a differential pair. The analog inputs of the LTC2301
(IN+, IN–) are always configured as a differential pair.
Regardless of the MUX configuration, the “+” and “–“
inputs are sampled at the same instant. Any unwanted
signal that is common to both inputs will be reduced by
the common mode rejection of the sample-and-hold cir-
cuit. The inputs draw only one small current spike while
chargingthesample-and-holdcapacitorsduringtheacquire
mode. In conversion mode, the analog inputs draw only
a small leakage current. If the source impedance of the
driving circuit is low, the ADC inputs can be driven directly.
Otherwise, more acquisition time should be allowed for a
source with higher impedance.
Input Filtering
The noise and distortion of the input amplifier and other
circuitry must be considered since they will add to the
ADC noise and distortion. Therefore, noisy input circuitry
should be filtered prior to the analog inputs to minimize
noise. A simple 1-pole RC filter is sufficient for many
applications.
The analog inputs of the LTC2301/LTC2305 can be modeled
as a 55pF capacitor (CIN) in series with a 100Ω resistor
(RON) as shown in Figure 2a. CIN gets switched to the
selected input once during each conversion. Large filter
RC time constants will slow the settling of the inputs. It
is important that the overall RC time constants be short
enough to allow the analog inputs to completely settle to
12-bit resolution within the acquisition time (tACQ) if DC
accuracy is important.
When using a filter with a large CFILTER value (e.g. 1μF),
the inputs do not completely settle and the capacitive input
switching currents are averaged into a net DC current(IDC).
In this case, the analog input can be modeled by an equiva-
lent resistance (REQ = 1/(fSMPL • CIN)) in series with an
ideal voltage source (VREFCOMP/2) as shown in Figure 2b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com