Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2305CDEXPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2305CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2305CDEXPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2305CDEXPBF Datasheet HTML 16Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 17Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 18Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 19Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 20Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 21Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 22Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 23Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2301/LTC2305
21
23015f
separated as much as possible. Care should be taken not
to run any digital signals alongside an analog signal. All
analog inputs should be shielded by GND. VREF, REFCOMP
and VDD should be bypassed to the ground plane as close
to the pin as possible. Maintaining a low impedance path
APPLICATIONS INFORMATION
Figure 15a. Top Silkscreen
for the common return of these bypass capacitors is es-
sential to the low noise operation of the ADC. These traces
should be as wide as possible. See Figure 15a–15e for a
suggested layout.
Figure 13. Bipolar Transfer Characteristics (2’s Complement)
Figure 14. Unipolar Transfer Characteristics (Straight Binary)
INPUT VOLTAGE (V)
0V
–1
LSB
23015 F13
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 4.096V
1LSB = FS/2n
1LSB = 1mV
INPUT VOLTAGE (V)
23015 F14
111...111
111...110
100...001
100...000
000...000
000...001
011...110
011...111
FS – 1LSB
0V
UNIPOLAR
ZERO
FS = 4.096V
1LSB = FS/2n
1LSB = 1mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com