Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2305CDEXPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2305CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2305CDEXPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2305CDEXPBF Datasheet HTML 1Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 2Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 3Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 4Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 5Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 6Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 7Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 8Page - Linear Technology LTC2305CDEXPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2301/LTC2305
5
23015f
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
4.75
5
5.25
V
IDD
Supply Current
Nap Mode
Sleep Mode
14ksps Sample Rate
SLP Bit = 0, Conversion Done
SLP Bit = 1, Conversion Done
l
l
l
2.3
225
7
3.5
400
15
mA
μA
μA
PD
Power Dissipation
Nap Mode
Sleep Mode
14ksps Sample Rate
SLP Bit = 0, Conversion Done
SLP Bit = 1, Conversion Done
l
l
l
11.5
1.125
35
17.5
2
75
mW
mW
μW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
I2C TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
400
kHz
tHD(SDA)
Hold Time (Repeated) Start Condition
l
0.6
μs
tLOW
Low Period of the SCL Pin
l
1.3
μs
tHIGH
High Period of the SCL Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated Start
Condition
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time for SDA/SCL Signals
(Note 11)
l
20 + 0.1CB
300
ns
tf
Fall Time for SDA/SCL Signals
(Note 11)
l
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
μs
tBUF
Bus Free Time Between a Second Start
Condition
l
1.3
μs
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
ADC TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Throughput Rate (Successive Reads)
l
14
ksps
tCONV
Conversion Time
l
1.3
1.6
μs
tACQ
Acquisition Time
(Note 8)
l
240
ns
tREFWAKE
REFCOMP Wakeup Time (Note 12)
CREFCOMP = 10μF, CREF = 2.2μF
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com