Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1220
Description  SENSITIVE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1220 Datasheet(HTML) 1 Page - STMicroelectronics

  TS1220 Datasheet HTML 1Page - STMicroelectronics TS1220 Datasheet HTML 2Page - STMicroelectronics TS1220 Datasheet HTML 3Page - STMicroelectronics TS1220 Datasheet HTML 4Page - STMicroelectronics TS1220 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS1220-600B
®
May 1998 - Ed: A3
SENSITIVE SCR
Symbol
Parameter
Value
Unit
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125°C
RGK = 220
600
V
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc= 105
°C12
A
IT(AV)
Average on-state current
(180
° conduction angle)
Tc= 105
°C8
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C )
tp = 10 ms
110
A
tp = 8.3 ms
115
I
2t
I
2t Value for fusing
tp = 10 ms
40
A
2s
dI/dt
Critical rate of rise of on-state current
IG = 10 mA
dIG /dt = 0.1 A/
µs.
50
A/
µs
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
T
Maximum temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (limiting values)
DPAK
(Plastic)
IT(RMS) = 12A
VDRM/VRRM = 600V
IGT < 200
µA
HIGH ITSM = 110A (tp = 10ms)
FEATURES
The TS1220-600B is using a high performance
TOPGLASS PNPN technology and is intended for
applications requiring high surge capability (like
power tools, crowbar protection, capacitive dis-
charge ignition...).
DESCRIPTION
K
A
G
A
1/5


Similar Part No. - TS1220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1220 STMICROELECTRONICS-TS1220 Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TS1220-600B-TR STMICROELECTRONICS-TS1220-600B-TR Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TS1220-600H STMICROELECTRONICS-TS1220-600H Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TS1220-600H-TR STMICROELECTRONICS-TS1220-600H-TR Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
More results

Similar Description - TS1220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
X04XXXF STMICROELECTRONICS-X04XXXF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com