Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1220 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS1220
Description  SENSITIVE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1220 Datasheet(HTML) 4 Page - STMicroelectronics

  TS1220 Datasheet HTML 1Page - STMicroelectronics TS1220 Datasheet HTML 2Page - STMicroelectronics TS1220 Datasheet HTML 3Page - STMicroelectronics TS1220 Datasheet HTML 4Page - STMicroelectronics TS1220 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-40
-20
0
20
40
60
80
100 120 140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
,I [Tj]/I
,I [Tj=25°C]
GT H
GT H
IGT
IH
Tj(°C)
Fig 5: Relative variation of gate trigger current and
holding current versus junction temperature.
1E+1
1E+2
1E+3
1E+4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I [R
] / I [R
=1k ]
HGK
H
GK
Tj=25°C
R
( )
GK
Fig 6: Relative variation of holding current versus
gate-cathode resistance (typical values).
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
120
IA)
TSM(
Tj initial=25°C
F=50Hz
Number of cycles
Fig 7: Non repetitive surge peak on-state current
versus number of cycles.
12
5
10
10
100
500
I
(A),I²t(A²s)
TSM
Tj initial=25°C
ITSM
I²t
tp(ms)
Fig 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and cor-
responding value of I
2t.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
100.0
I
(A)
TM
Tj max.:
Vto=0.85V
Rt=31m
Tj=Tj max.
Tj=25°C
V
(V)
TM
Fig 9: On-state characteristics (maximum values).
0
2
4
6
8
101214161820
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig 10: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm).
TS1220-600B
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com