Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1220 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS1220
Description  SENSITIVE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1220 Datasheet(HTML) 2 Page - STMicroelectronics

  TS1220 Datasheet HTML 1Page - STMicroelectronics TS1220 Datasheet HTML 2Page - STMicroelectronics TS1220 Datasheet HTML 3Page - STMicroelectronics TS1220 Datasheet HTML 4Page - STMicroelectronics TS1220 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)= 0.2W
PGM = 3 W (tp = 20
µs)
IGM = 1.2 A (tp = 20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case for D.C
1.5
°C/W
Rth(j-a)
Junction to ambient (S = 0.5 cm
2)70
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Type
Value
Unit
IGT
VD=12V RL=140
Ω
Tj= 25
°C
MAX
200
µA
VGT
VD=12V
RL=140
Ω
Tj= 25°C
MAX
0.8
V
VGD
VD=12V(DC)
RL=33
Ω
Tj= 25°C
MAX
0.1
V
VRG
IRG = 10
µA
Tj= 25°C
MIN
8
V
IH
IT=50mA
IG=5mA
RGK = 1k
Ω
Tj= 25°C
MAX
5
mA
VTM
ITM= 24A tp= 380
µs
Tj= 25
°CMAX
1.6
V
IDRM
VD= VDRM
RGK = 220
Ω
Tj= 25°C
MAX
10
µA
IRRM
VR= VRRM
RGK = 220
Ω
Tj= 125°C
MAX
2
mA
dV/dt
VD=67%VDRM RGK = 220
Ω
Tj= 125
°CMIN
5
V/
µs
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION Add "-TR" suffix for Tape and Reel shipment
TS
12 20 - 600
B
THYRISTOR
SENSITIVE
CURRENT
SENSITIVITY
VOLTAGE
PACKAGE
B = DPAK
TS1220-600B
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com