Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS8
Description  8A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS8 Datasheet(HTML) 2 Page - STMicroelectronics

  TS8 Datasheet HTML 1Page - STMicroelectronics TS8 Datasheet HTML 2Page - STMicroelectronics TS8 Datasheet HTML 3Page - STMicroelectronics TS8 Datasheet HTML 4Page - STMicroelectronics TS8 Datasheet HTML 5Page - STMicroelectronics TS8 Datasheet HTML 6Page - STMicroelectronics TS8 Datasheet HTML 7Page - STMicroelectronics TS8 Datasheet HTML 8Page - STMicroelectronics TS8 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TN8, TS8 and TYNx08 Series
2/9
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
SENSITIVE
s
STANDARD
THERMAL RESISTANCES
S= copper surface under tab
Symbol
Test Conditions
TS820
Unit
IGT
VD = 12 V
RL = 140 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM
RL = 3.3 kΩ RGK = 220 Ω
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8V
IH
IT = 50 mA
RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 65 % VDRM
RGK = 220 Ω
Tj = 125°C
MIN.
5
V/µs
VTM
ITM = 16 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
46
m
Ω
IDRM
IRRM
VDRM = VRRM
RGK = 220 Ω
Tj = 25°C
MAX.
5
µA
Tj = 125°C
1
mA
Symbol
Test Conditions
TN805 TN815
TYNx08
Unit
IGT
VD = 12 V
RL = 33 Ω
MIN.
0.5
2
2
mA
MAX.
5
15
15
VGT
MAX.
1.3
V
VGD
VD = VDRM
RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 100 mA
Gate open
MAX.
25
40
30
mA
IL
IG = 1.2 IGT
MAX.
30
50
70
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
50
150
150
V/µs
VTM
ITM = 16 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
46
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
20
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
IPAK
100
S = 0.5 cm²
DPAK
70
/T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com