Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS8
Description  8A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS8 Datasheet(HTML) 5 Page - STMicroelectronics

  TS8 Datasheet HTML 1Page - STMicroelectronics TS8 Datasheet HTML 2Page - STMicroelectronics TS8 Datasheet HTML 3Page - STMicroelectronics TS8 Datasheet HTML 4Page - STMicroelectronics TS8 Datasheet HTML 5Page - STMicroelectronics TS8 Datasheet HTML 6Page - STMicroelectronics TS8 Datasheet HTML 7Page - STMicroelectronics TS8 Datasheet HTML 8Page - STMicroelectronics TS8 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TN8, TS8 and TYNx08 Series
5/9
Fig. 3-2: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(recommended pad layout, FR4 PC board for
DPAK).
Fig. 4-1: Relative variation of gate trigger current
and holding current versus junction temperature
for TS8 series.
Fig. 4-2: Relative variation of gate trigger current
and holding current versus junction temperature
for TN8 & TYN series.
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values)
for TS8 series.
Fig. 6:
Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values)
for TS8 series.
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values)
for TS8 series.
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K = [Zth(j-a)/Rth(j-a)]
DPAK
TO-220AB
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Rgk = 1k
Ω
Tj(°C)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Tj(°C)
IH[Rgk] / IH[Rgk = 1k ]
Ω
Rgk(k )
Ω
Rgk(k )
Ω
dV/dt[Rgk] / dV/dt [Rgk = 220 ]
Ω
0
20
40
60
80 100 120 140 160 180 200 220
0.0
2.5
5.0
7.5
10.0
12.5
15.0
VD = 0.67 x VDRM
Tj = 125 °C
Rgk = 220
Ω
dV/dt[Cgk] / dV/dt [Rgk = 220
Ω]
Cgk(nF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com