Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS8
Description  8A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS8 Datasheet(HTML) 4 Page - STMicroelectronics

  TS8 Datasheet HTML 1Page - STMicroelectronics TS8 Datasheet HTML 2Page - STMicroelectronics TS8 Datasheet HTML 3Page - STMicroelectronics TS8 Datasheet HTML 4Page - STMicroelectronics TS8 Datasheet HTML 5Page - STMicroelectronics TS8 Datasheet HTML 6Page - STMicroelectronics TS8 Datasheet HTML 7Page - STMicroelectronics TS8 Datasheet HTML 8Page - STMicroelectronics TS8 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TN8, TS8 and TYNx08 Series
4/9
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
TN805-x00B
TN805x00
0.3 g
75
Tube
TN805-x00B-TR
TN805x00
0.3 g
2500
Tape & reel
TN805-x00H
TN805x00
0.4 g
75
Tube
TN815-x00B
TN815x00
0.3 g
75
Tube
TN815-x00B-TR
TN815x00
0.3 g
2500
Tape & reel
TN815-x00H
TN815x00
0.4 g
75
Tube
TS820-x00B
TS820x00
0.3 g
75
Tube
TS820-x00B-TR
TS820x00
0.3 g
2500
Tape & reel
TS820-x00H
TS820x00
0.4 g
75
Tube
TS820-x00T
TS820x00T
2.3 g
50
Tube
TYNx08
TYNx08
2.3 g
250
Bulk
TYNx08RG
TYNx08
2.3 g
50
Tube
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus case temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (DPAK).
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration.
0123
456
0
1
2
3
4
5
6
7
8
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
IT(av)(A)
DC
α = 180°
Tcase(°C)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT(av)(A)
α =180°
DC
Tamb(°C)
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K = [Zth(j-c)/Rth(j-c)]
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com