Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MTP3
Description  Three Phase Bridge (Power Module) 45 A to 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTP3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MTP3 Datasheet HTML 1Page - Vishay Siliconix MTP3 Datasheet HTML 2Page - Vishay Siliconix MTP3 Datasheet HTML 3Page - Vishay Siliconix MTP3 Datasheet HTML 4Page - Vishay Siliconix MTP3 Datasheet HTML 5Page - Vishay Siliconix MTP3 Datasheet HTML 6Page - Vishay Siliconix MTP3 Datasheet HTML 7Page - Vishay Siliconix MTP3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94538
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
MTP 3-Phase PbF Rectifier Series
Three Phase Bridge
(Power Module) 45 A to 100 A
Vishay High Power Products
Fig. 10 - Current Rating Nomogram (1 Module Per Heatsink)
Fig. 11 - Current Rating Characteristics
Fig. 12 - On-State Voltage Drop Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
030
60
90
120
150
0.3
K/W
0.4
K/W
0.5
K/W
1 K/W
0.2
K/W
0
50
100
150
200
250
300
020
40
60
80
120˚
(Rect)
Tj = 150˚C
70MT...P
Total Output Current (A)
40
60
80
100
120
140
40 50 60 70 80 90 100 110 120 130
120˚
(Rect)
Per Module
100MT...P
R
(DC) = 0.19 K/W
thJC
Instantaneous On-state Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
Tj = 150˚C
Tj = 25˚C
100MT...P
Number Of Equal Amplitude Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100MT...P
Per Junction
Pulse Train Duration(s)
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Initial T j = 125˚C
No Voltage Reapplied
Rated V rrm Reapplied
Of Conduction May Not Be Maintained.
100MT...P
Per Junction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com