Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MTP3
Description  Three Phase Bridge (Power Module) 45 A to 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTP3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MTP3 Datasheet HTML 1Page - Vishay Siliconix MTP3 Datasheet HTML 2Page - Vishay Siliconix MTP3 Datasheet HTML 3Page - Vishay Siliconix MTP3 Datasheet HTML 4Page - Vishay Siliconix MTP3 Datasheet HTML 5Page - Vishay Siliconix MTP3 Datasheet HTML 6Page - Vishay Siliconix MTP3 Datasheet HTML 7Page - Vishay Siliconix MTP3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94538
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Aug-08
3
MTP 3-Phase PbF Rectifier Series
Three Phase Bridge
(Power Module) 45 A to 100 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - On-State Voltage Drop Chracteristics
Fig. 3 - Maximum Non-Repetitive Surge Current
Fig. 4 - Maximum Non-Repetitive Surge Current
CLEARANCE AND CREEPAGE DISTANCES
PARAMETER
TEST CONDITIONS
MT...PA
MT...PB
UNITS
Clearance
External shortest distances in air between terminals
which are not internally short circuited together
10.9
12.3
mm
Creepage distance
Shortest distance along external surface of the insulating material
between terminals which are not internally short circuited together
Total Output Current (A)
80
90
100
110
120
130
140
150
160
010
20
30
40
50
120˚
(Rect)
40MT...P
R
(DC) = 0.27 K/W
Per Module
thJC
Instantaneous On-state Voltage (V)
1
10
100
1000
0123456
Tj = 150˚C
Tj = 25˚C
40MT...P
Number Of Equal Amplitude Half Cycle Current Pulses (N)
50
100
150
200
250
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
40MT...P
Per Junction
Pulse Train Duration(s)
50
100
150
200
250
300
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T j = 150˚C
No Voltage Reapplied
Rated V rrm Reapplied
40MT...P
Per Junction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com