Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MTP3
Description  Three Phase Bridge (Power Module) 45 A to 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTP3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MTP3 Datasheet HTML 1Page - Vishay Siliconix MTP3 Datasheet HTML 2Page - Vishay Siliconix MTP3 Datasheet HTML 3Page - Vishay Siliconix MTP3 Datasheet HTML 4Page - Vishay Siliconix MTP3 Datasheet HTML 5Page - Vishay Siliconix MTP3 Datasheet HTML 6Page - Vishay Siliconix MTP3 Datasheet HTML 7Page - Vishay Siliconix MTP3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94538
2
Revision: 13-Aug-08
MTP 3-Phase PbF Rectifier Series
Vishay High Power Products
Three Phase Bridge
(Power Module) 45 A to 100 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE CODE
REVERSE VOLTAGE
V
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
V
IRRM MAXIMUM
AT TJ = 150 °C
mA
40-70-100MT140P
140
1400
1500
5
40-70-100MT160P
160
1600
1700
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
40MT
70MT 100MT UNITS
Maximum DC output current
at case temperature
IO
120° rect. to conduction angle
45
75
100
A
100
80
80
°C
Maximum peak, one cycle forward,
non-repetitive on state surge current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
270
380
450
A
t = 8.3 ms
280
398
470
t = 10 ms
100 % VRRM
reapplied
225
320
380
t = 8.3 ms
240
335
400
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
365
724
1013
A2s
t = 8.3 ms
325
660
920
t = 10 ms
100 % VRRM
reapplied
253
512
600
t = 8.3 ms
240
467
665
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3650
7240
10 130
A2
√s
Value of threshold voltage
VF(TO)
TJ maximum
0.78
0.82
0.75
V
Slope resistance
rt
14.8
9.5
8.1
m
Ω
Maximum forward voltage drop
VFM
TJ = 25 °C; tp = 400 µs single junction
(40MT, Ipk = 40 A) (70MT, Ipk = 70 A) (100MT, Ipk = 100 A)
1.45
1.45
1.51
V
INSULATION TABLE
PARAMETER
SYMBOL
TEST CONDITIONS
40MT
70MT
100MT
UNITS
RMS insulation voltage
VINS
TJ = 25 °C, all terminal shorted, f = 50 Hz, t = 1 s
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
40MT
70MT
100MT UNITS
Maximum junction operating
temperature range
TJ
- 40 to 150
°C
Maximum storage
temperature range
TStg
- 40 to 125
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.27
0.23
0.19
K/W
DC operation per junction
1.6
1.38
1.14
120° rect. condunction angle per module
0.38
0.29
0.22
120° rect. condunction angle per junction
2.25
1.76
1.29
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and greased
Heatsink compound thermal conductivity = 0.42 W/mK
0.1
Mounting torque to heatsink ± 10 %
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
Lubricated threads
4Nm
Approximate weight
65
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com