Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 44Page - Analog Devices AD5522JSVUZ Datasheet HTML 45Page - Analog Devices AD5522JSVUZ Datasheet HTML 46Page - Analog Devices AD5522JSVUZ Datasheet HTML 47Page - Analog Devices AD5522JSVUZ Datasheet HTML 48Page - Analog Devices AD5522JSVUZ Datasheet HTML 49Page - Analog Devices AD5522JSVUZ Datasheet HTML 50Page - Analog Devices AD5522JSVUZ Datasheet HTML 51Page - Analog Devices AD5522JSVUZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
AD5522
Rev. A | Page 48 of 60
DAC Addressing
For the FIN and comparator (CPH and CPL) DACs, there is a
set of X1, M, and C registers for each current range, and one set
for the voltage range; for the clamp DACs (CLL and CLH),
there are only two sets of X1, M, and C registers.
When calibrating the device, the M and C registers allow volatile
storage of gain and offset coefficients. Calculation of the corres-
ponding DAC X2 register occurs only when the X1 data is loaded
(no internal calculation occurs on M or C updates).
There is one offset DAC for all four channels in the device that
is addressed using the PMUx bits. The offset DAC has only an
input register associated with it; no M or C registers are asso-
ciated with this DAC. When writing to the offset DAC, set the
MODE1 and MODE0 bits high to address the DAC input
register (X1).
The same address table is also used for readback of a particular
DAC address.
Note that CLL is clamp level low and CLH is clamp level high.
•
When forcing a voltage, the current clamps are engaged;
therefore, both the CLL current ranges register set and the
CLH current ranges register set are loaded to the clamp DACs.
•
When forcing a current, the voltage clamps are engaged;
therefore, both the CLL voltage range register set and the
CLH voltage range register set are loaded to the clamp DACs.
All codes not explicitly referenced in this table are reserved and
should not be used.
Table 28. DAC Register Addressing
A5
A4
A3
A2
A1
A0
MODE1
MODE0
Register Set
Addressed Register
0
0
0
0
0
0
1
1
Offset DAC X
0
0
1
0
0
0
0
1
±5 μA current range
FIN M
1
0
FIN C
1
1
FIN X1
0
0
1
0
0
1
0
1
±20 μA current range
FIN M
1
0
FIN C
1
1
FIN X1
0
0
1
0
1
0
0
1
±200 μA current range
FIN M
1
0
FIN C
1
1
FIN X1
0
0
1
0
1
1
0
1
±2 mA current range
FIN M
1
0
FIN C
1
1
FIN X1
0
0
1
1
0
0
0
1
±external current range
FIN M
1
0
FIN C
1
1
FIN X1
0
0
1
1
0
1
0
1
Voltage range
FIN M
1
0
FIN C
1
1
FIN X1
0
1
0
1
0
0
0
1
Current ranges
CLL M
1
0
CLL C
1
1
CLL X11
0
1
0
1
0
1
0
1
Voltage range
CLL M
1
0
CLL C
1
1
CLL X11
0
1
1
1
0
0
0
1
Current ranges
CLH M
1
0
CLH C
1
1
CLH X12
0
1
1
1
0
1
0
1
Voltage range
CLH M
1
0
CLH C
1
1
CLH X12
1
0
0
0
0
0
0
1
±5 μA current range
CPL M
1
0
CPL C
1
1
CPL X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com