Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 47Page - Analog Devices AD5522JSVUZ Datasheet HTML 48Page - Analog Devices AD5522JSVUZ Datasheet HTML 49Page - Analog Devices AD5522JSVUZ Datasheet HTML 50Page - Analog Devices AD5522JSVUZ Datasheet HTML 51Page - Analog Devices AD5522JSVUZ Datasheet HTML 52Page - Analog Devices AD5522JSVUZ Datasheet HTML 53Page - Analog Devices AD5522JSVUZ Datasheet HTML 54Page - Analog Devices AD5522JSVUZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
AD5522
Rev. A | Page 51 of 60
READBACK OF SYSTEM CONTROL REGISTER
The system control register readback function is a 24-bit word. Mode and system control register data bits are shown in Table 30.
Table 30. System Control Register Readback
Bit
Bit Name
Description
23 (MSB)
MODE1
Set the MODE1 and MODE0 bits to 0 to address the system control register.
22
MODE0
System Control Register Specific Readback Bits
21
CL3
Read back the status of the individual current clamp enable bits.
0 = clamp is disabled.
1 = clamp is enabled.
When reading back information about the status of the clamp enable function, the data that was most
recently written to the current clamp register from either the system control register or the PMU register
is available in the readback word.
20
CL2
19
CL1
18
CL0
17
CPOLH3
Read back information about the status of the comparator output enable bits.
1 = PMU comparator output is enabled.
0 = PMU comparator output is disabled.
When reading back information about the status of the comparator output enable function, the data that
was most recently written to the comparator status register from either the system control register or the
PMU register is available in the readback word.
16
CPOLH2
15
CPOLH1
14
CPOLH0
13
CPBIASEN
This readback bit indicates the status of the comparator enable function.
1 = comparator function is enabled.
0 = comparator function is disabled.
12
DUTGND/CH
DUTGND per channel enable.
1 = DUTGND per channel is enabled.
0 = individual guard inputs are available per channel.
11
GUARD ALM
These bits provide information about which of these alarm bits trigger the CGALM pin.
1 = guard/clamp alarm is enabled.
0 = guard/clamp alarm is disabled.
10
CLAMP ALM
9
INT10K
If this bit is high, the internal 10 kΩ resistor (SW7) is connected between FOHx and MEASVHx, and
between DUTGND and AGND. If this bit is low, SW7 is open.
8
GUARD EN
Read back the status of the guard amplifiers. If this bit is high, the amplifiers are enabled.
7
GAIN1
Status of the selected MEASOUTx output range. See Table 10 and Table 11.
6
GAIN0
5
TMP ENABLE
Read back the status of the thermal shutdown function.
0XX = thermal shutdown disabled.
100 = thermal shutdown enabled at junction temperature of 130°C (power-on default).
101 = thermal shutdown enabled at junction temperature of 120°C.
110 = thermal shutdown enabled at junction temperature of 110°C.
111 = thermal shutdown enabled at junction temperature of 100°C.
4
TMP1
3
TMP0
2
LATCHED
This bit indicates the status of the open-drain alarm outputs, TMPALM and CGALM.
1 = open-drain alarm outputs are latched.
0 = open-drain alarm outputs are unlatched.
1
Unused
readback bits
Loads with zeros.
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com