Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 48Page - Analog Devices AD5522JSVUZ Datasheet HTML 49Page - Analog Devices AD5522JSVUZ Datasheet HTML 50Page - Analog Devices AD5522JSVUZ Datasheet HTML 51Page - Analog Devices AD5522JSVUZ Datasheet HTML 52Page - Analog Devices AD5522JSVUZ Datasheet HTML 53Page - Analog Devices AD5522JSVUZ Datasheet HTML 54Page - Analog Devices AD5522JSVUZ Datasheet HTML 55Page - Analog Devices AD5522JSVUZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD5522
Rev. A | Page 52 of 60
READBACK OF PMU REGISTER
The PMU register readback function is a 24-bit word that includes the mode and PMU data bits. Only one PMU register can be read back
at any one time.
Table 31. PMU Register Readback
Bit
Bit Name
Description
23 (MSB)
MODE1
Set the MODE1 and MODE0 bits to 0 to access the selected PMU register.
22
MODE0
PMU Register Specific Bits
21
CH EN
Channel enable. If this bit is high, the selected channel is enabled; if this bit is low, the channel is disabled.
20
FORCE1
These bits indicate which force mode the selected channel is in.
00 = FV and current clamp (if clamp is enabled).
01 = FI and voltage clamp (if clamp is enabled).
10 = high-Z FOHx voltage.
11 = high-Z FOHx current.
19
FORCE0
18
Reserved
0
17
C2
These three bits indicate which forced or measured current range is set for the selected channel. See
Table 25.
16
C1
15
C0
14
MEAS1
These bits indicate which measure mode is selected: voltage, current, temperature sensor, or high-Z.
00 = MEASOUTx is connected to ISENSE.
01 = MEASOUTx is connected to VSENSE.
10 = MEASOUTx is connected to the temperature sensor.
11 = MEASOUTx is high-Z (SW12 open).
13
MEAS0
12
FIN
This bit shows the status of the force input (FIN) amplifier.
0 = input of the force amplifier switched to GND.
1 = input of the force amplifier connected to the FIN DAC output.
11
SF0
The system force and sense lines can be connected to any of the four PMU channels. These bits indicate
whether the system force and sense lines are switched in. See Table 25.
10
SS0
9
CL
Read back the status of the individual current clamp enable bits.
1 = clamp is enabled on this channel.
0 = clamp is disabled on this channel.
When reading back information about the status of the current clamp enable function, the data that
was most recently written to the current clamp register from either the system control register or the
PMU register is available in the readback word.
8
CPOLH
Read back the status of the comparator output enable bit.
1 = PMU comparator output is enabled.
0 = PMU comparator output is disabled.
When reading back information about the status of the comparator output enable function, the data
that was most recently written to the comparator register from either the system control register or the
PMU register is available in the readback word.
7
COMPARE V/I
1 = compare voltage function is enabled on the selected channel.
0 = compare current function is enabled on the selected channel.
6
LTMPALM
TMPALM corresponds to the open-drain TMPALM output pin that flags a temperature event exceeding
the default or user programmed level. The temperature alarm is a per-device alarm; the latched
(LTMPALM) and unlatched (TMPALM) bits indicate whether a temperature event occurred and whether
the alarm still exists (that is, whether the junction temperature still exceeds the programmed alarm
level). To reset an alarm event, the user must write a 1 to the clear bit (Bit 6) in the PMU register.
5
TMPALM
4 to 0 (LSB)
Unused
readback bits
Loads with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com