Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBC Datasheet(PDF) 35 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 31Page - Analog Devices AD5590BBC Datasheet HTML 32Page - Analog Devices AD5590BBC Datasheet HTML 33Page - Analog Devices AD5590BBC Datasheet HTML 34Page - Analog Devices AD5590BBC Datasheet HTML 35Page - Analog Devices AD5590BBC Datasheet HTML 36Page - Analog Devices AD5590BBC Datasheet HTML 37Page - Analog Devices AD5590BBC Datasheet HTML 38Page - Analog Devices AD5590BBC Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD5590
Rev. 0 | Page 35 of 44
AutoShutdown (PM1 = 0, PM0 = 1)
In this mode, the ADC automatically enters shutdown at the
end of each conversion when the ADC control register is updated.
When the ADC is in shutdown, the track-and-hold is in hold
mode. Figure 66 shows the general diagram of the operation of
the ADC in this mode. In shutdown mode, all internal circuitry
on the ADC is powered down. The ADC retains information in
the ADC control register during shutdown. The ADC remains
in shutdown until the next ASYNC falling edge it receives. On
this ASYNC falling edge, the track-and-hold that was in hold
while the ADC was in shutdown returns to track. Wake-up time
from autoshutdown is 1 μs, and the user should ensure that 1 μs
has elapsed before attempting a valid conversion. When running
the ADC with a 20 MHz clock, one dummy cycle of 16 × ASCLKs
should be sufficient to ensure that the ADC is fully powered up.
During this dummy cycle, the contents of the ADC control
register should remain unchanged; therefore, the write bit
should be 0 on the ADIN line. This dummy cycle effectively
halves the throughput rate of the ADC, with every other
conversion result being valid. In this mode, the power
consumption of the ADC is greatly reduced with the ADC
entering shutdown at the end of each conversion. When the
ADC control register is programmed to move into
autoshutdown, it does so at the end of the conversion. The user
can move the ADC in and out of the low power state by
controlling the ASYNC signal.
Autostandby (PM1 = PM0 = 0)
In this mode, the ADC automatically enters standby mode at
the end of each conversion when the ADC control register is
updated. Figure 67 shows the general diagram of the operation
of the ADC in this mode. When the ADC is in standby, portions
of the ADC are powered down, but the on-chip bias generator
remains powered up. The ADC retains information in the ADC
control register during standby. The ADC remains in standby
until it receives the next ASYNC falling edge. On this ASYNC
falling edge, the track and hold that was in hold while the ADC
was in standby returns to track. Wake-up time from standby is 1
μs; the user should ensure that 1 μs has elapsed before attempting a
valid conversion on the ADC in this mode. When running the
ADC with a 20 MHz clock, one dummy cycle of 16 × ASCLKs
should be sufficient to ensure the ADC is fully powered up.
During this dummy cycle, the contents of the ADC control register
should remain unchanged; therefore, the write bit should be set
to 0 on the ADIN line. This dummy cycle effectively halves the
throughput rate of the ADC with every other conversion result
being valid. In this mode, the power consumption of the ADC
is greatly reduced with the ADC entering standby at the end of
each conversion. When the ADC control register is programmed
to move into autostandby, it does so at the end of the conver-
sion. The user can move the ADC in and out of the low power
state by controlling the ASYNC signal.
ASCLK
116
1
16
11
ADOUT
ADIN
ASYNC
6
DUMMY CONVERSION
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1 = 0, PM0 = 1
CONTROL REGISTER CONTENTS SHOULD
NOT CHANGE, WRITE BIT = 0
PART ENTERS
SHUTDOWN ON CS
RISING EDGE AS
PM1 = 0, PM0 = 1
PART IS FULLY
POWERED UP
TO KEEP PART IN THIS MODE, LOAD PM1 = 0, PM0 = 1
IN CONTROL REGISTER OR SET WRITE BIT = 0
CHANNEL IDENTIFIER BITS + CONVERSION RESU
LT
DATA IN TO CONTROL/SHADOW REGISTER
CHANNEL IDENTIFIER BITS + CONVERSION RESU
LT
DATA IN TO CONTROL/SHADOW REGISTER
INVALID DATA
PART ENTERS
SHUTDOWN ON ASYNC
RISING EDGE AS
PM1 = 0, PM0 = 1
PART BEGINS
TO POWER
UP ON ASYNC
FALLING EDGE
Figure 66. Autoshutdown Mode Operation
ASCLK
1
12
16
1
12
16
1
12
16
ADOUT
ADIN
ASYNC
DUMMY CONVERSION
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1 = 0, PM0 = 0
CONTROL REGISTER CONTENTS SHOULD
REMAIN UNCHANGED, WRITE BIT = 0
PART IS FULLY
POWERED UP
TO KEEP PART IN THIS MODE, LOAD PM1 = 0,
PM0 = 0 IN CONTROL REGISTER
PART ENTERS
STANDBY ON ASYNC
RISING EDGE AS
PM1 = 0, PM0 = 0
PART ENTERS
STANDBY ON ASYNC
RISING EDGE AS
PM1 = 0, PM0 = 0
PART BEGINS
TO POWER
UP ON ASYNC
FALLING EDGE
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
INVALID DATA
DATA IN TO CONTROL/SHADOW REGISTER
DATA IN TO CONTROL/SHADOW REGISTER
Figure 67. Autostandby Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com