Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBC Datasheet(PDF) 11 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 7Page - Analog Devices AD5590BBC Datasheet HTML 8Page - Analog Devices AD5590BBC Datasheet HTML 9Page - Analog Devices AD5590BBC Datasheet HTML 10Page - Analog Devices AD5590BBC Datasheet HTML 11Page - Analog Devices AD5590BBC Datasheet HTML 12Page - Analog Devices AD5590BBC Datasheet HTML 13Page - Analog Devices AD5590BBC Datasheet HTML 14Page - Analog Devices AD5590BBC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD5590
Rev. 0 | Page 11 of 44
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted. VDD refers to DACVDD or
ADCVDD. GND refers to DACGND or ADCGND.
Table 7.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VDRIVE to GND
−0.3 V to VDD + 0.3 V
Op Amp Supply Voltage
6 V
Op Amp Input Voltage
(V1− or V2−) − 0.3 V to
(V1+ or V2+) + 0.3 V
Op Amp Differential Input Voltage
±6 V
Op Amp Output Short-Circuit
Duration to GND
Indefinite
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDD +0.3 V
VREFA to GND
−0.3 V to VDD +0.3 V
VREFIN/VREFOUT to GND
−0.3 V to VDD +0.3 V
Input Current to Any ADC Pin
Except Supplies
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a 4-layer JEDEC thermal test board for surface-
mount packages.
Table 8. Thermal Resistance
Package Type
θJA
Unit
80-Ball CSP_BGA
40
°C/W
Table 9. Junction Temperature
Parameter
Max
Unit
Comments
Junction Temperature1, 2
130
°C
TJ = TA + PTOTAL × θJA
1 PTOTAL is the sum of ADC, DAC, and operational amplifier supply currents.
2 θJA is the package thermal resistance.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com