Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBC Datasheet(PDF) 29 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 25Page - Analog Devices AD5590BBC Datasheet HTML 26Page - Analog Devices AD5590BBC Datasheet HTML 27Page - Analog Devices AD5590BBC Datasheet HTML 28Page - Analog Devices AD5590BBC Datasheet HTML 29Page - Analog Devices AD5590BBC Datasheet HTML 30Page - Analog Devices AD5590BBC Datasheet HTML 31Page - Analog Devices AD5590BBC Datasheet HTML 32Page - Analog Devices AD5590BBC Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD5590
Rev. 0 | Page 29 of 44
Reference Section
An external reference source should be used to supply the 2.5 V
reference to the ADC. Errors in the reference source results in
gain errors in the ADC transfer function and adds to the specified
full-scale errors of the ADC. A capacitor of at least 0.1 μF should
be placed on the VREFA pin. Suitable reference sources for the
ADC include the AD780, REF193, and the AD1852.
If 2.5 V is applied to the VREFA pin, the analog input range can
either be 0 V to 2.5 V or 0 V to 5 V, depending on the range bit
in the control register.
AMPLIFIER SECTION
The operational amplifiers in the AD5590 are micropower,
rail-to-rail input and output amplifiers that feature low supply
current, low input voltage, and low current noise.
The parts are fully specified to operate from a single 5.0 V
supply, or ±2.5 V dual supplies. The ability to swing rail-to-rail
at both the input and output enables designers to buffer CMOS
ADCs, DACs, ASICs, and other wide output swing devices in
low power, single-supply systems. The amplifiers in the AD5590
are fully independent of the DAC and ADC sections. If some or
all of the amplifiers are not required, connect them as a
grounded unity-gain buffer, as shown in Figure 59.
Figure 59. Configuration for Unused Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com