Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5765CSUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5765CSUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765CSUZ Datasheet(HTML) 4 Page - Analog Devices

  AD5765CSUZ Datasheet HTML 1Page - Analog Devices AD5765CSUZ Datasheet HTML 2Page - Analog Devices AD5765CSUZ Datasheet HTML 3Page - Analog Devices AD5765CSUZ Datasheet HTML 4Page - Analog Devices AD5765CSUZ Datasheet HTML 5Page - Analog Devices AD5765CSUZ Datasheet HTML 6Page - Analog Devices AD5765CSUZ Datasheet HTML 7Page - Analog Devices AD5765CSUZ Datasheet HTML 8Page - Analog Devices AD5765CSUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 4 of 31
SPECIFICATIONS
AVDD = 4.75 V to 5.25 V, AVSS = −4.75 V to −5.25 V, AGNDX = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 2.048 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 5 kΩ, CLOAD = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade1
C Grade1
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
16
16
Bits
Relative Accuracy (INL)
±2
±1
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±2
±2
mV max
At 25°C; error at other
temperatures obtained using
bipolar zero TC
Bipolar Zero TC2
±2
±2
ppm FSR/°C max
Zero-Scale Error
±2
±2
mV max
At 25°C; error at other
temperatures obtained using zero
scale TC
Zero-Scale TC2
±2
±2
ppm FSR/°C max
Gain Error
±0.02
±0.02
% FSR max
At 25°C; error at other
temperatures obtained using gain
TC
Gain TC2
±2
±2
ppm FSR/°C max
DC Crosstalk2
0.5
0.5
LSB max
REFERENCE INPUT2
Reference Input Voltage
2.048
2.048
V nominal
±1% for specified performance
DC Input Impedance
1
1
MΩ min
Typically 100 MΩ
Input Current
±10
±10
µA max
Typically ±30 nA
Reference Range
1 to 2.1
1 to 2.1
V min to V max
OUTPUT CHARACTERISTICS2
Output Voltage Range3
±4.311
±4.311
V min/V max
REFIN = 2.048V
±4.42
±4.42
V min/V max
REFIN = 2.1V
Output Voltage Drift vs. Time
±13
±13
ppm FSR/500 hours typ
±15
±15
ppm FSR/1000 hours typ
Short Circuit Current
10
10
mA typ
RISCC = 6 kΩ, see Figure 29
Load Current
±1
±1
mA max
For specified performance
Capacitive Load Stability
RL = ∞
200
200
pF max
RL = 10 kΩ
1000
1000
pF max
DC Output Impedance
0.3
0.3
Ω max
DIGITAL INPUTS2
DVCC = 2.7 V to 5.25 V, JEDEC
compliant
VIH, Input High Voltage
2
2
V min
VIL, Input Low Voltage
0.8
0.8
V max
Input Current
±1
±1
µA max
Per pin
Pin Capacitance
10
10
pF max
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com