Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5765CSUZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD5765CSUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765CSUZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5765CSUZ Datasheet HTML 22Page - Analog Devices AD5765CSUZ Datasheet HTML 23Page - Analog Devices AD5765CSUZ Datasheet HTML 24Page - Analog Devices AD5765CSUZ Datasheet HTML 25Page - Analog Devices AD5765CSUZ Datasheet HTML 26Page - Analog Devices AD5765CSUZ Datasheet HTML 27Page - Analog Devices AD5765CSUZ Datasheet HTML 28Page - Analog Devices AD5765CSUZ Datasheet HTML 29Page - Analog Devices AD5765CSUZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 26 of 31
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure the
rated performance. The printed circuit board on which the
AD5765 is mounted should be designed so that the analog and
digital sections are separated and confined to certain areas of the
board. If the AD5765 is in a system where multiple devices
require an AGND-to-DGND connection, the connection should
be made at one point only. The star ground point should be
established as close as possible to the device. The AD5765 should
have ample supply bypassing of 10 µF in parallel with 0.1 µF on
each supply located as close to the package as possible, ideally
right up against the device. The 10 µF capacitors are the tantalum
bead type. The 0.1 µF capacitor should have low effective series
resistance (ESR) and low effective series inductance (ESI) such as
the common ceramic types, which provide a low impedance path
to ground at high frequencies to handle transient currents due to
internal logic switching.
The power supply lines of the AD5765 should use as large a
trace as possible to provide low impedance paths and reduce
the effects of glitches on the power supply line. Fast switching
signals, such as clocks, should be shielded with digital ground
to avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. A ground line routed
between the SDIN and SCLK lines helps reduce crosstalk
between them (not required on a multilayer board, which has a
separate ground plane, however, it is helpful to separate the
lines). It is essential to minimize noise on the reference inputs,
because it couples through to the DAC output. Avoid crossover
of digital and analog signals. Traces on opposite sides of the
board should run at right angles to each other. This reduces the
effects of feedthrough on the board. A microstrip technique is
recommended, but not always possible with a double-sided
board. In this technique, the component side of the board is
dedicated to ground plane, and signal traces are placed on the
solder side.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that might occur.
Isocouplers provide voltage isolation in excess of 2.5 kV. The
serial loading structure of the AD5765 makes it ideal for
isolated interfaces because the number of interface lines is kept
to a minimum. Figure 36 shows a 4-channel isolated interface
to the AD5765 using an ADuM1400. For more information, go
to www.analog.com.
VIA
SERIAL CLOCK OUT
TO SCLK
VOA
ENCODE
DECODE
VIB
SERIAL DATA OUT
TO SDIN
VOB
ENCODE
DECODE
VIC
SYNC OUT
TO SYNC
VOC
ENCODE
DECODE
VID
CONTROL OUT
TO LDAC
VOD
ENCODE
DECODE
µCONTROLLER
ADuM14001
1ADDITIONAL PINS OMITTED FOR CLARITY
Figure 36. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5765 is via a serial bus
that uses a standard protocol that is compatible with micro-
controllers and DSP processors. The communications channel
is a 3-wire (minimum) interface consisting of a clock signal, a
data signal, and a synchronization signal. The AD5765 requires
a 24-bit data-word with data valid on the falling edge of SCLK.
For all the interfaces, the DAC output update can be done
automatically when all the data is clocked in, or it can be done
under the control of LDAC. The contents of the DAC register
can be read using the readback function.
AD5765 to MC68HC11 Interface
Figure 37 shows an example of a serial interface between the
AD5765 and the MC68HC11 microcontroller. The serial
peripheral interface (SPI) on the MC68HC11 is configured for
master mode (MSTR = 1), clock polarity bit (CPOL = 0), and the
clock phase bit (CPHA = 1). The SPI is configured by writing to the
SPI control register (SPCR) (see the MC68HC11 User Manual).
SCK of the MC68HC11 drives the SCLK of theAD5765, the MOSI
output drives the serial data line (DIN) of the AD5744/AD5765,
and the MISO input is driven from SDO. The SYNC is driven from
one of the port lines, in this case, PC7.
When data is being transmitted to the AD5765, the SYNC line
(PC7) is taken low and data is transmitted MSB first. Data
appearing on the MOSI output is valid on the falling edge of
SCK. Eight falling clock edges occur in the transmit cycle, so, in
order to load the required 24-bit word, PC7 is not brought high
until the third 8-bit word has been transferred to the DAC
input shift register.
MC68HC111
1ADDITIONAL PINS OMITTED FOR CLARITY
AD57651
SDO
MISO
SDIN
MOSI
SCLK
SCK
SYNC
PC7
Figure 37. AD5765 to MC68HC11 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com