Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5765CSUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5765CSUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765CSUZ Datasheet(HTML) 5 Page - Analog Devices

  AD5765CSUZ Datasheet HTML 1Page - Analog Devices AD5765CSUZ Datasheet HTML 2Page - Analog Devices AD5765CSUZ Datasheet HTML 3Page - Analog Devices AD5765CSUZ Datasheet HTML 4Page - Analog Devices AD5765CSUZ Datasheet HTML 5Page - Analog Devices AD5765CSUZ Datasheet HTML 6Page - Analog Devices AD5765CSUZ Datasheet HTML 7Page - Analog Devices AD5765CSUZ Datasheet HTML 8Page - Analog Devices AD5765CSUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Preliminary Technical Data
AD5765
Rev. PrA | Page 5 of 31
Parameter
B Grade1
C Grade1
Unit
Test Conditions/Comments
DIGITAL OUTPUTS (D0, D1, SDO)2
Output Low Voltage
0.4
0.4
V max
DVCC = 5 V ± 5%, sinking 200 µA
Output High Voltage
DVCC − 1
DVCC − 1
V min
DVCC = 5 V ± 5%, sourcing 200 µA
Output Low Voltage
0.4
0.4
V max
DVCC = 2.7 V to 3.6 V,
sinking 200 µA
Output High Voltage
DVCC − 0.5
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V,
sourcing 200 µA
High Impedance Leakage Current
±1
±1
µA max
SDO only
High Impedance Output
Capacitance
5
5
pF typ
SDO only
POWER REQUIREMENTS
AVDD/AVSS
4.75 to 5.25
4.75 to 5.25
V min/V max
DVCC
2.7 to 5.25
2.7 to 5.25
V min/V max
Power Supply Sensitivity2
∆VOUT/∆ΑVDD
−85
−85
dB typ
AIDD
1.75
1.75
mA/channel max
Outputs unloaded
AISS
1.38
1.38
mA/channel max
Outputs unloaded
DICC
1.2
1.2
mA max
VIH = DVCC, VIL = DGND, 750 µA typ
Power Dissipation
138
138
mW typ
±5 V operation output unloaded
1 Temperature range: -40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 Output amplifier headroom requirement is 0.5 V minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com