Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5647RBCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5647RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5647RBCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD5647RBCPZ-R2 Datasheet HTML 1Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Conditions/Comments1
LOGIC INPUTS (ADDR, CLR, LDAC)3
IIN, Input Current
±1
μA
VINL, Input Low Voltage
0.15 × VDD
V
VINH, Input High Voltage
0.85 × VDD
V
CIN, Pin Capacitance
2
pF
ADDR
20
pF
CLR, LDAC
VHYST, Input Hysteresis
0.1 × VDD
V
LOGIC INPUTS (SDA, SCL)
IIN, Input Current
±1
μA
VINL, Input Low Voltage
0.3 × VDD
V
VINH, Input High Voltage
0.7 × VDD
V
CIN, Pin Capacitance
2
pF
VHYST, Input Hysteresis
0.1 × VDD
V
LOGIC OUTPUTS (OPEN-DRAIN)
VOL, Output Low Voltage
0.4
V
ISINK = 3 mA
0.6
V
ISINK = 6 mA
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
2
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode)4
VIH = VDD, VIL = GND
VDD = 4.5 V to 5.5 V
0.4
0.5
mA
Internal reference off
VDD = 2.7 V to 3.6 V
0.35
0.45
mA
Internal reference off
VDD = 4.5 V to 5.5 V
0.95
1.15
mA
Internal reference on
VDD = 2.7 V to 3.6 V
0.8
0.95
mA
Internal reference on
IDD (All Power-Down Modes)5
0.48
1
μA
VIH = VDD, VIL = GND
1 Temperature range: B grade: −40°C to +105°C.
2 Linearity calculated using a reduced code range: AD5567R/AD5667 (Code 512 to Code 65,024); AD5647R (Code 128 to Code 16,256); AD5627R/AD5627 (Code 32 to
Code 4064). Output unloaded.
3 Guaranteed by design and characterization, not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com