Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5647RBCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5647RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5647RBCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5647RBCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 6 of 32
I2C TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, fSCL = 3.4 MHz, unless otherwise noted.1
Table 4.
Parameter
Conditions2
Min
Max
Unit
Description
fSCL3
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode, CB = 100 pF
3.4
MHz
High speed mode, CB = 400 pF
1.7
MHz
t1
Standard mode
4
μs
tHIGH, SCL high time
Fast mode
0.6
μs
High speed mode, CB = 100 pF
60
ns
High speed mode, CB = 400 pF
120
ns
t2
Standard mode
4.7
μs
tLOW, SCL low time
Fast mode
1.3
μs
High speed mode, CB = 100 pF
160
ns
High speed mode, CB = 400 pF
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t4
Standard mode
0
3.45
μs
tHD;DAT, data hold time
Fast mode
0
0.9
μs
High speed mode, CB = 100 pF
0
70
ns
High speed mode, CB = 400 pF
0
150
ns
t5
Standard mode
4.7
μs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
μs
High speed mode
160
ns
t6
Standard mode
4
μs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
μs
High speed mode
160
ns
t7
Standard mode
4.7
μs
tBUF, bus free time between a stop and a start condition
Fast mode
1.3
μs
t8
Standard mode
4
μs
tSU;STO, setup time for a stop condition
Fast mode
0.6
μs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns
t10
Standard mode
300
ns
tFDA, fall time of SDA signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns
t11
Standard mode
1000
ns
tRCL, rise time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
t11A
Standard mode
1000
ns
tRCL1, rise time of SCL signal after a repeated start condition and after
an acknowledge bit
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com