Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5647RBCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5647RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5647RBCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5647RBCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5647RBCPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 26 of 32
POWER-ON RESET AND SOFTWARE RESET
The AD56x7R/AD56x7 contain a power-on reset circuit that
controls the output voltage during power-up. The device powers
up to 0 V and the output remains powered up at this level until
a valid write sequence is made to the DAC. This is useful in
applications where it is important to know the state of the
output of the DAC while it is in the process of powering up. Any
events on LDAC or CLR during power-on reset are ignored.
There is also a software reset function. Command 101 is the
software reset command. The software reset command contains
two reset modes that are software programmable by setting Bit
DB0 in the input shift register.
Table 12 shows how the state of the bit corresponds to the
software reset modes of operation of the devices. Figure 64
shows the contents of the input shift register during the
software reset mode of operation.
Table 12. Software Reset Modes for the AD56x7R/AD56x7
DB0
Registers reset to zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
Internal reference setup register
CLEAR PIN (CLR)
The AD56x7R/AD56x7 has an asynchronous clear input. The
CLR input is falling-edge sensitive. While CLR is low, all LDAC
pulses are ignored. When CLR is activated, zero scale is loaded
to all input and DAC registers. This clears the output to 0 V. The
part exits clear code mode on the on the falling edge of the 9th
clock pulse of the last byte of valid write. If CLR is activated
during a write sequence, the write is aborted. If CLR is activated
during high speed mode, the part exits high speed mode to
standard/fast mode.
INTERNAL REFERENCE SETUP (R VERSIONS)
The on-chip reference is off at power-up by default. It can be
turned on by sending the reference setup command (111) and
setting DB0 in the input shift register. Table 13 shows how the
state of the bit corresponds to the mode of operation. See Figure 66
for the contents of the input shift register during the internal
reference setup command.
Table 13. Reference Setup Command
DB0
Action
0
Internal reference off (default)
1
Internal reference on
X
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RST
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE
Figure 64. Software Reset Command
R
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
PD1
PD0
X
X
DACB DACA
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE
POWER-
DOWN MODE DON’T CARE
DAC SELECT
(1 = DAC SELECTED)
Figure 65. Power Up/Down Command
R
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
REF
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE
Figure 66. Reference Setup Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com