Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295BCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8295BCPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295BCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8295BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8295
Rev. 0 | Page 21 of 2
8
Power Supplies
A stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect perfor-
mance. See the PSRR performance curves in Figure 14 and
Figure 15 for more information.
A 0.1 μF capacitor should be placed as close as possible to each
supply pin. An additional capacitor, a 10 μF tantalum for the
lower frequencies, can be used farther away from the IC. In
most cases, the 10 μF bypass capacitor can be shared by other
integrated circuits on the same PCB.
AD8295
IN-AMP
+VS
+IN
RG
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 55. Supply Decoupling, REF, and Output Referred to Local Ground
INPUT PROTECTION
All terminals of the AD8295 are protected against ESD
by diodes at the inputs. If voltages beyond the supplies are
anticipated, resistors should be placed in series with the inputs
to limit the current. Resistors should be chosen so that current
does not exceed 6 mA into the internal ESD diodes in the over-
load condition. These resistors can be the same as those used
for RFI protection. (See the RF Interference section for more
information.)
For applications where the AD8295 encounters extreme
overload voltages, as in cardiac defibrillators, external series
resistors and low leakage diode clamps, such as BAV199Ls,
FJH1100s, or SP720s can be used.
INPUT BIAS CURRENT RETURN PATH
The input bias currents of the AD8295 must have a return path
to common. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 56. Otherwise, the input currents charge up the input
capacitance until the in-amp is turned off or saturated.
THERMOCOUPLE
+VS
REF
–VS
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8295
IN-AMP
AD8295
IN-AMP
TRANSFORMER
+VS
REF
–VS
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8295
IN-AMP
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
TRANSFORMER
+VS
REF
–VS
CORRECT
AD8295
IN-AMP
AD8295
IN-AMP
AD8295
IN-AMP
Figure 56. Creating an Input Bias Current Return Path
RF INTERFERENCE
RF interference is often a problem when amplifiers are used in
applications where there are strong RF signals. The precision
circuits in the AD8295 can rectify the RF signals so that they
appear as a dc offset voltage error. To avoid this rectification,
place a low-pass filter before the input. Figure 57 shows such a
network in front of the instrumentation amplifier. The filter
limits both the differential and common-mode bandwidth, as
shown in the following equations:
)
2
(
π
2
1
)
(
C
D
FILTER
C
C
R
Diff
f
+
=
C
FILTER
RC
CM
f
π
2
1
)
(
=
where CD ≥ 10CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com