Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8295BCPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8295BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 27Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8295
Rev. 0 | Page 24 of 2
8
2-POLE SALLEN-KEY FILTER
Figure 63 shows the in-amp output section of the AD8295 being
low-pass filtered using a 2-pole Sallen-Key filter. The filter section
consists of Op Amp A2, External Resistors R1 and R2, as well as
Capacitors C1 and C2. Resistor R3 compensates for input offset
current errors and is equal to the parallel combination of R1 and
R2. The ratio of capacitance between C1 and C2 sets the filter
quality factor, Q. For most applications, a filter Q of 0.5 to 0.7
provides a good trade-off between performance and stability.
High Q, non-polarized capacitors, such as NPO ceramic, should
be used. The exact pole frequencies are dependent on the
tolerance of the resistors and capacitors used.
The design equations for a Sallen-Key filter can be greatly
simplified if the resistors and capacitors are made equal.
When C1 = C2 and R1 = R2, Q is 0.5 and the design equation
simplifies to
f = 1/(2πRC)
where R is in ohms and C is in farads.
For example, with R1 = R2 = 10 kΩ, and C1 = C2 = 2.2 nF,
f = 7.2 kHz
When C1 is not equal to C2 and R1 is not equal to R2, the
values of Q and the cutoff frequency are calculated as follows:
)
2
1
(
2
2
1
2
1
R
R
C
C
C
R
R
Q
+
=
C2
C1
R2
R1
f
π
=
2
1
A1
OUT
A1
R2
A2
+IN
A2
–IN
–IN
–INPUT
+INPUT
RG
+VS
+VS
0.1µF
–VS
–VS
OUT
R1
R2
C2
REF
RG
+IN
1
2
3
4
8
7
6
5
13
14
15
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
A2
OUT
AD8295
A1
+IN
LP FILTERED
OUTPUT
A1
R1
A1
–IN
12
11
10
9
0.1µF
R3
C1
Figure 63. 2-Pole Sallen-Key Filter
AC-COUPLED INSTRUMENTATION AMPLIFIER
The circuit in Figure 64 provides a one-pole high-pass filter,
using only one external capacitor.
At low frequencies, Capacitor C1 has a high impedance, thus
operating Op Amp A1 at high gain (G = XC/20 kΩ). Because of
its high gain, Op Amp A1 is able to drive the in-amp reference
pin until it forces the output of the in-amp to 0 V. Therefore, no
signal appears at the circuit output.
At higher frequencies, the gain of Op Amp A1 drops and the
op amp is no longer able to maintain the in-amp output at 0 V.
Therefore, at frequencies above the RC filter bandwidth, the
in-amp operates in a normal manner, and the signal appears at
the output.
The 3 dB corner frequency is set by Internal Resistor R1 and
External Capacitor C1 as follows:
f = 1/((2π × 20 kΩ) × C1)
The precision of R1 (better than 0.2%) means that the filter
bandwidth depends mainly on the tolerance of Capacitor C1.
At low frequencies, Op Amp A1 drives the appropriate voltage
on the reference pin to null out the original signal. Voltage
supplies should be chosen so that Op Amp A1 has enough
output headroom to produce the nulling voltage.
A1 OUT
A1 R2
A2 +IN
A2 –IN
+VS
–VS
OUT
REF
1
2
3
4
8
6
5
13
14
15
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
A2 OUT
OUTPUT
AD8295
A1 +IN
A1 R1
A1 –IN
12
11
10
9
7
C1
–IN
–INPUT
+INPUT
RG
RG
+IN
Figure 64. AC-Coupled Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com