Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8295BCPZ-R7
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8295BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD8295BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8295
Rev. 0 | Page 23 of 2
8
APPLICATIONS INFORMATION
CREATING A REFERENCE VOLTAGE AT MIDSCALE
HIGH ACCURACY G = −1 CONFIGURATION WITH
LOW-PASS FILTER
A reference voltage other than ground is often useful, for
example, when driving a single-supply ADC. Creating a
reference voltage derived from a voltage divider is straight-
forward with the AD8295 (see Figure 61). In this configuration,
Op Amp A2 is used to provide a buffered VS/2 reference for the
in-amp section. This configuration is very similar to the one
described in the Reference Terminal section.
The circuit in Figure 62 uses Op Amp A1 and the resistor string
to provide a precise G = −1 configuration. Because no external
resistors are used to set the gain, gain accuracy and gain drift
depend only on the internally matched resistors, yielding excel-
lent performance.
Adding a capacitor across Resistor R2 is a simple way to provide
a single-pole low-pass filter that rolls off at 20 dB per decade.
This capacitor is shown as C1 in Figure 62.
Note that the internal resistors of Op Amp A1 are not used
to provide VS/2. Instead, external 1% (or better) resistors are
used. Because the negative input of Op Amp A1 is permanently
connected to the junction of internal resistors R1 and R2,
Op Amp A1 operates as a low voltage clamp, preventing the
resistor string from providing a convenient VS/2 voltage.
A1
OUT
A1
R2
A2
+IN
A2
–IN
–IN
–INPUT
+INPUT
RG
+VS
–VS
OUT
RG
+IN
1
2
3
4
8
7
6
5
13
14
15
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
A2
OUT
AD8295
VREF INPUT
VREF INPUT
LP FILTERED
OUTPUT
VREF
BUFFERED
C1
A1
R1
A1
–IN
12
11
10
9
NOTES
1.
fLOW PASS = 1/(2π 20kΩ C1).
Noise at the reference feeds directly to the output, so if the
reference voltage is derived from a noisy source, filtering is
required. In Figure 61, Capacitor C1 has been added to filter
out high frequency noise on the positive power supply line.
The 10 uF capacitor and the 100 kΩ resistors shown in Figure 61
roll off noise starting at 0.3 Hz. The filter frequency is a trade-
off between noise rejection and start-up time.
A1
OUT
A1
R2
A2
+IN
A2
–IN
+VS
+VS
OUT
REF
1
2
3
4
8
6
5
13
14
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
100kΩ
100kΩ
A2
OUT
C1
10µF
AD8295
A1
+IN
A1
R1
A1
–IN
12
11
10
9
7
–IN
–INPUT
OUTPUT
+INPUT
RG
RG
+IN
15
+VS
0.1µF
VS/2
BUFFERED
Figure 62. Single-Pole Output Filter Using a Single External Capacitor
If the connections to Pin 10 and Pin 11 in Figure 62 are changed
so that Pin 10 connects to ground and Pin 11 connects to the
in-amp output, the result is a G = 2 circuit, also with excellent
gain accuracy and drift. In the G = 2 configuration, Capacitor C1
lowers the gain from 2 to 1 at higher frequencies.
Figure 61. Single-Supply Connection with Buffered Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com