Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9522-2 Datasheet HTML 6Page - Analog Devices AD9522-2 Datasheet HTML 7Page - Analog Devices AD9522-2 Datasheet HTML 8Page - Analog Devices AD9522-2 Datasheet HTML 9Page - Analog Devices AD9522-2 Datasheet HTML 10Page - Analog Devices AD9522-2 Datasheet HTML 11Page - Analog Devices AD9522-2 Datasheet HTML 12Page - Analog Devices AD9522-2 Datasheet HTML 13Page - Analog Devices AD9522-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
AD9522-2
Rev. 0 | Page 10 of 84
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS ABSOLUTE PHASE NOISE
Internal VCO; VCO divider = 3; LVDS output and for
loop bandwidths < 1 kHz
VCO = 2335 MHz; Output = 778.3 MHz
@ 1 kHz Offset
−59
dBc/Hz
@ 10 kHz Offset
−90
dBc/Hz
@ 100 kHz Offset
−115
dBc/Hz
@ 1 MHz Offset
−133
dBc/Hz
@ 10 MHz Offset
−147
dBc/Hz
@ 40 MHz Offset
−150
dBc/Hz
VCO = 2175 MHz; Output = 725 MHz
@ 1 kHz Offset
−61
dBc/Hz
@ 10 kHz Offset
−92
dBc/Hz
@ 100 kHz Offset
−117
dBc/Hz
@ 1 MHz Offset
−135
dBc/Hz
@ 10 MHz Offset
−148
dBc/Hz
@ 40 MHz Offset
−150
dBc/Hz
VCO = 2020 MHz; Output = 673.3 MHz
@ 1 kHz Offset
−63
dBc/Hz
@ 10 kHz Offset
−94
dBc/Hz
@ 100 kHz Offset
−119
dBc/Hz
@ 1 MHz Offset
−136
dBc/Hz
@ 10 MHz Offset
−149
dBc/Hz
@ 40 MHz Offset
−150
dBc/Hz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is
clean, so a wider PLL loop bandwidth is
used; reference = 15.36 MHz; R DIV = 1
VCO = 2212 MHz; LVDS = 245.76 MHz; PLL LBW = 55 kHz
171
fs rms
Integration BW = 200 kHz to 10 MHz
342
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2212 MHz; LVDS = 122.88 MHz; PLL LBW = 55 kHz
183
fs rms
Integration BW = 200 kHz to 10 MHz
350
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2212 MHz; LVDS = 61.44 MHz; PLL LBW = 55 kHz
210
fs rms
Integration BW = 200 kHz to 10 MHz
407
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO)
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is jittery,
so a narrower PLL loop bandwidth is used;
reference = 19.44 MHz; R DIV = 162
VCO = 2177 MHz; LVDS = 155.52 MHz; PLL LBW = 1.8 kHz
625
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2212 MHz; LVDS = 122.88 MHz; PLL LBW = 1.8 kHz
648
fs rms
Integration BW = 12 kHz to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com