Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 2 Page - Analog Devices

  AD9522-2 Datasheet HTML 1Page - Analog Devices AD9522-2 Datasheet HTML 2Page - Analog Devices AD9522-2 Datasheet HTML 3Page - Analog Devices AD9522-2 Datasheet HTML 4Page - Analog Devices AD9522-2 Datasheet HTML 5Page - Analog Devices AD9522-2 Datasheet HTML 6Page - Analog Devices AD9522-2 Datasheet HTML 7Page - Analog Devices AD9522-2 Datasheet HTML 8Page - Analog Devices AD9522-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
AD9522-2
Rev. 0 | Page 2 of 84
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
Power Supply Requirements ....................................................... 4
 
PLL Characteristics ...................................................................... 4
 
Clock Inputs .................................................................................. 7
 
Clock Outputs ............................................................................... 7
 
Timing Characteristics ................................................................ 8
 
Timing Diagrams ..................................................................... 8
 
Clock Output Additive Phase Noise (Distribution Only;
VCO Divider Not Used) .............................................................. 9
 
Clock Output Absolute Phase Noise (Internal VCO Used).. 10
 
Clock Output Absolute Time Jitter (Clock Generation Using
Internal VCO) ............................................................................. 10
 
Clock Output Absolute Time Jitter (Clock Cleanup
Using Internal VCO).................................................................. 10
 
Clock Output Absolute Time Jitter (Clock
Generation Using External VCXO) ......................................... 11
 
Clock Output Additive Time Jitter
(VCO Divider Not Used) .......................................................... 11
 
Clock Output Additive Time Jitter (VCO Divider Used) ..... 12
 
Serial Control Port—SPI Mode ................................................ 12
 
Serial Control Port—I2C Mode ................................................ 13
 
PD, SYNC, and RESET Pins ..................................................... 14
 
Serial Port Setup Pins: SP1, SP0 ............................................... 14
 
LD, STATUS, and REFMON Pins............................................ 14
 
Power Dissipation....................................................................... 15
 
Absolute Maximum Ratings.......................................................... 16
 
Thermal Resistance .................................................................... 16
 
ESD Caution................................................................................ 16
 
Pin Configuration and Function Descriptions........................... 17
 
Typical Performance Characteristics ........................................... 20
 
Terminology .................................................................................... 25
 
Detailed Block Diagram ................................................................ 26
Theory of Operation ...................................................................... 27
 
Operational Configurations...................................................... 27
 
Mode 0: Internal VCO and Clock Distribution ................. 27
 
Mode 1: Clock Distribution or External
VCO < 1600 MHz .................................................................. 29
 
Mode 2: High Frequency Clock Distribution—
CLK or External VCO > 1600 MHz .................................... 31
 
Phase-Locked Loop (PLL) .................................................... 33
 
Configuration of the PLL ...................................................... 33
 
Phase Frequency Detector (PFD) ........................................ 33
 
Charge Pump (CP)................................................................. 34
 
On-Chip VCO ........................................................................ 34
 
PLL External Loop Filter....................................................... 34
 
PLL Reference Inputs............................................................. 34
 
Reference Switchover............................................................. 35
 
Reference Divider R............................................................... 35
 
VCO/VCXO Feedback Divider N: P, A, B, R ..................... 35
 
Digital Lock Detect (DLD) ................................................... 37
 
Analog Lock Detect (ALD)................................................... 37
 
Current Source Digital Lock Detect (CSDLD) .................. 37
 
External VCXO/VCO Clock Input (CLK/CLK) ................ 38
 
Holdover.................................................................................. 38
 
External/Manual Holdover Mode........................................ 38
 
Automatic/Internal Holdover Mode.................................... 38
 
Frequency Status Monitors ................................................... 40
 
VCO Calibration .................................................................... 41
 
Zero Delay Operation................................................................ 42
 
Internal Zero Delay Mode..................................................... 42
 
External Zero Delay Mode.................................................... 42
 
Clock Distribution ..................................................................... 43
 
Operation Modes ................................................................... 43
 
Clock Frequency Division..................................................... 44
 
VCO Divider........................................................................... 44
 
Channel Dividers ................................................................... 44
 
Synchronizing the Outputs—SYNC Function ................... 46
 
LVDS Output Drivers ............................................................ 47
 
CMOS Output Drivers .......................................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com